Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMS320C6472ECTZ Datasheet(PDF) 110 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320C6472ECTZ
Description  TMS320C6472 Fixed-Point Digital Signal Processor
PDF  269 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS320C6472ECTZ Datasheet(HTML) 110 Page - Texas Instruments

Back Button TMS320C6472ECTZ Datasheet HTML 106Page - Texas Instruments TMS320C6472ECTZ Datasheet HTML 107Page - Texas Instruments TMS320C6472ECTZ Datasheet HTML 108Page - Texas Instruments TMS320C6472ECTZ Datasheet HTML 109Page - Texas Instruments TMS320C6472ECTZ Datasheet HTML 110Page - Texas Instruments TMS320C6472ECTZ Datasheet HTML 111Page - Texas Instruments TMS320C6472ECTZ Datasheet HTML 112Page - Texas Instruments TMS320C6472ECTZ Datasheet HTML 113Page - Texas Instruments TMS320C6472ECTZ Datasheet HTML 114Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 110 / 269 page
background image
TMS320C6472
SPRS612G
– JUNE 2009 – REVISED JULY 2011
www.ti.com
Table 5-13. Megamodule L1/L2 Memory Protection Registers (continued)
HEX ADDRESS RANGE
ACRONYM
REGISTER NAME
L2 Memory Protection Page Attribute Register 49
0184 A2C4
L2MPPA49
Reserved
L2 Memory Protection Page Attribute Register 50
0184 A2C8
L2MPPA50
Reserved
L2 Memory Protection Page Attribute Register 51
0184 A2CC
L2MPPA51
Reserved
L2 Memory Protection Page Attribute Register 52
0184 A2D0
L2MPPA52
Reserved
L2 Memory Protection Page Attribute Register 53
0184 A2D4
L2MPPA53
Reserved
L2 Memory Protection Page Attribute Register 54
0184 A2D8
L2MPPA54
Reserved
L2 Memory Protection Page Attribute Register 55
0184 A2DC
L2MPPA55
Reserved
L2 Memory Protection Page Attribute Register 56
0184 A2E0
L2MPPA56
Reserved
L2 Memory Protection Page Attribute Register 57
0184 A2E4
L2MPPA57
Reserved
L2 Memory Protection Page Attribute Register 58
0184 A2E8
L2MPPA58
Reserved
L2 Memory Protection Page Attribute Register 59
0184 A2EC
L2MPPA59
Reserved
L2 Memory Protection Page Attribute Register 60
0184 A2F0
L2MPPA60
Reserved
L2 Memory Protection Page Attribute Register 61
0184 A2F4
L2MPPA61
Reserved
L2 Memory Protection Page Attribute Register 62
0184 A2F8
L2MPPA62
Reserved
L2 Memory Protection Page Attribute Register 63
0184 A2FC
L2MPPA63
Reserved
0184 A300 - 0184 A3FC
-
Reserved
0184 A400
L1PMPFAR
L1 Program (L1P) Memory Protection Fault Address Register
0184 A404
L1PMPFSR
L1P Memory Protection Fault Status Register
0184 A408
L1PMPFCR
L1P Memory Protection Fault Command Register
0184 A40C - 0184 A4FC
-
Reserved
0184 A500
L1PMPLK0
L1P Memory Protection Lock Key Bits [31:0]
0184 A504
L1PMPLK1
L1P Memory Protection Lock Key Bits [63:32]
0184 A508
L1PMPLK2
L1P Memory Protection Lock Key Bits [95:64]
0184 A50C
L1PMPLK3
L1P Memory Protection Lock Key Bits [127:96]
0184 A510
L1PMPLKCMD
L1P Memory Protection Lock Key Command Register
0184 A514
L1PMPLKSTAT
L1P Memory Protection Lock Key Status Register
0184 A518 - 0184 A63C
-
Reserved
L1P Memory Protection Page Attribute Register 16
0184 A640
L1PMPPA16
00E0 0000 - 00E0 07FF
L1P Memory Protection Page Attribute Register 17
0184 A644
L1PMPPA17
00E0 0800 - 00E0 0FFF
L1P Memory Protection Page Attribute Register 18
0184 A648
L1PMPPA18
00E0 1000 - 00E0 17FF
L1P Memory Protection Page Attribute Register 19
0184 A64C
L1PMPPA19
00E0 1800 - 00E0 1FFF
L1P Memory Protection Page Attribute Register 20
0184 A650
L1PMPPA20
00E0 2000 - 00E0 27FF
L1P Memory Protection Page Attribute Register 21
0184 A654
L1PMPPA21
00E0 2800 - 00E0 2FFF
110
C64x+ Megamodule
Copyright
© 2009–2011, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Link(s) :TMS320C6472



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com