Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMS320C6472ECTZ Datasheet(PDF) 106 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320C6472ECTZ
Description  TMS320C6472 Fixed-Point Digital Signal Processor
PDF  269 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS320C6472ECTZ Datasheet(HTML) 106 Page - Texas Instruments

Back Button TMS320C6472ECTZ Datasheet HTML 102Page - Texas Instruments TMS320C6472ECTZ Datasheet HTML 103Page - Texas Instruments TMS320C6472ECTZ Datasheet HTML 104Page - Texas Instruments TMS320C6472ECTZ Datasheet HTML 105Page - Texas Instruments TMS320C6472ECTZ Datasheet HTML 106Page - Texas Instruments TMS320C6472ECTZ Datasheet HTML 107Page - Texas Instruments TMS320C6472ECTZ Datasheet HTML 108Page - Texas Instruments TMS320C6472ECTZ Datasheet HTML 109Page - Texas Instruments TMS320C6472ECTZ Datasheet HTML 110Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 106 / 269 page
background image
TMS320C6472
SPRS612G
– JUNE 2009 – REVISED JULY 2011
www.ti.com
Table 5-11. Megamodule Cache Configuration Registers
HEX ADDRESS RANGE
ACRONYM
REGISTER NAME
0184 0000
L2CFG
L2 Cache Configuration Register
0184 0004 - 0184 001C
-
Reserved
0184 0020
L1PCFG
L1P Configuration Register
0184 0024
L1PCC
L1P Cache Control Register
0184 0028 - 0184 003C
-
Reserved
0184 0040
L1DCFG
L1D Configuration Register
0184 0044
L1DCC
L1D Cache Control Register
0184 0048 - 0184 0FFC
-
Reserved
0184 1000 - 0184 104C
-
See Table 5-14, CPU Megamodule Bandwidth Management Registers
0184 1050 - 0184 3FFC
-
Reserved
0184 4000
L2WBAR
L2 Writeback Base Address Register - for Block Writebacks
0184 4004
L2WWC
L2 Writeback Word Count Register
0184 4008 - 0184 400C
-
Reserved
0184 4010
L2WIBAR
L2 Writeback and Invalidate Base Address Register - for Block Writebacks
0184 4014
L2WIWC
L2 Writeback and Invalidate word count register
0184 4018
L2IBAR
L2 Invalidate Base Address Register
0184 401C
L2IWC
L2 Invalidate Word Count Register
0184 4020
L1PIBAR
L1P Invalidate Base Address Register
0184 4024
L1PIWC
L1P Invalidate Word Count Register
0184 4030
L1DWIBAR
L1D Writeback and Invalidate Base Address Register
0184 4034
L1DWIWC
L1D Writeback and Invalidate Word Count Register
0184 4038
-
Reserved
0184 4040
L1DWBAR
L1D Writeback Base Address Register - for Block Writebacks
0184 4044
L1DWWC
L1D Writeback Word Count Register
0184 4048
L1DIBAR
L1D Invalidate Base Address Register
0184 404C
L1DIWC
L1D Invalidate Word Count Register
0184 4050 - 0184 4FFC
-
Reserved
0184 5000
L2WB
L2 Global Writeback Register
0184 5004
L2WBINV
L2 Global Writeback and Invalidate Register
0184 5008
L2INV
L2 Global Invalidate Register
0184 500C - 0184 5024
-
Reserved
0184 5028
L1PINV
L1P Global Invalidate Register
0184 502C - 0184 503C
-
Reserved
0184 5040
L1DWB
L1D Global Writeback Register
0184 5044
L1DWBINV
L1D Global Writeback and Invalidate Register
0184 5048
L1DINV
L1D Global Invalidate Register
0184 504C - 0184 5FFC
-
Reserved
0184 6000 - 0184 640C
-
See Table 5-12, Megamodule Error Detection Correct Registers
0184 6410 - 0184 7FFC
-
Reserved
0184 8000 - 0184 803C
-
Reserved
0184 8040
MAR16
Controls C64x+ Subsystem 0 Range 1000 0000 - 10FF FFFF
0184 8044
MAR17
Controls C64x+ Subsystem 1 Range 1100 0000 - 11FF FFFF
0184 8048
MAR18
Controls C64x+ Subsystem 2 Range 1200 0000 - 12FF FFFF
0184 804C
MAR19
Controls C64x+ Subsystem 3 Range 1300 0000 - 13FF FFFF
0184 8050
MAR20
Controls C64x+ Subsystem 4 Range 1400 0000 - 14FF FFFF
0184 8054
MAR21
Controls C64x+ Subsystem 5 Range 1500 0000 - 15FF FFFF
0184 8058 - 0184 837C
-
Reserved
106
C64x+ Megamodule
Copyright
© 2009–2011, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Link(s) :TMS320C6472



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com