Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMS320C6472ECTZ Datasheet(PDF) 103 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320C6472ECTZ
Description  TMS320C6472 Fixed-Point Digital Signal Processor
PDF  269 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS320C6472ECTZ Datasheet(HTML) 103 Page - Texas Instruments

Back Button TMS320C6472ECTZ Datasheet HTML 99Page - Texas Instruments TMS320C6472ECTZ Datasheet HTML 100Page - Texas Instruments TMS320C6472ECTZ Datasheet HTML 101Page - Texas Instruments TMS320C6472ECTZ Datasheet HTML 102Page - Texas Instruments TMS320C6472ECTZ Datasheet HTML 103Page - Texas Instruments TMS320C6472ECTZ Datasheet HTML 104Page - Texas Instruments TMS320C6472ECTZ Datasheet HTML 105Page - Texas Instruments TMS320C6472ECTZ Datasheet HTML 106Page - Texas Instruments TMS320C6472ECTZ Datasheet HTML 107Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 103 / 269 page
background image
TMS320C6472
www.ti.com
SPRS612G
– JUNE 2009 – REVISED JULY 2011
5.6
Megamodule Revision
The version and revision of the C64x+ Megamodule can be read from the Megamodule Revision ID
Register (MM_REVID) located at address 0181 2000h. The MM_REVID register is shown in Figure 5-5
and described in Table 5-6. The C64x+ Megamodule revision is dependant on the silicon revision being
used. For more information, see the TMS320C6472 Digital Signal Processor Silicon Errata (literature
number SPRZ300).
31
16 15
0
VERSION
REVISION(A)
R-1h
R-n
LEGEND: R = Read only; -n = value after reset
A. The C64x+ Megamodule revision is dependant on the silicon revision being used. For more information, see the TMS320C6472 Digital
Signal Processor Silicon Errata (literature number SPRZ300).
Figure 5-5. Megamodule Revision ID Register (MM_REVID) [Hex Address: 0181 2000h]
Table 5-6. Megamodule Revision ID Register (MM_REVID) Field Descriptions
Bit
Field
Value
Description
31:16
VERSION
1h
Version of the C64x+ Megamodule implemented on the device. This field is always read as 1h.
15:0
REVISION
Revision of the C64x+ Megamodule version implemented on the device. The C64x+ Megamodule
revision is dependant on the silicon revision being used. For more information, see the
TMS320C6472 Digital Signal Processor Silicon Errata (literature number SPRZ300).
Copyright
© 2009–2011, Texas Instruments Incorporated
C64x+ Megamodule
103
Submit Documentation Feedback
Product Folder Link(s) :TMS320C6472



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com