Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMS320C6472ECTZ Datasheet(PDF) 101 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320C6472ECTZ
Description  TMS320C6472 Fixed-Point Digital Signal Processor
PDF  269 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS320C6472ECTZ Datasheet(HTML) 101 Page - Texas Instruments

Back Button TMS320C6472ECTZ Datasheet HTML 97Page - Texas Instruments TMS320C6472ECTZ Datasheet HTML 98Page - Texas Instruments TMS320C6472ECTZ Datasheet HTML 99Page - Texas Instruments TMS320C6472ECTZ Datasheet HTML 100Page - Texas Instruments TMS320C6472ECTZ Datasheet HTML 101Page - Texas Instruments TMS320C6472ECTZ Datasheet HTML 102Page - Texas Instruments TMS320C6472ECTZ Datasheet HTML 103Page - Texas Instruments TMS320C6472ECTZ Datasheet HTML 104Page - Texas Instruments TMS320C6472ECTZ Datasheet HTML 105Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 101 / 269 page
background image
TMS320C6472
www.ti.com
SPRS612G
– JUNE 2009 – REVISED JULY 2011
Table 5-3. Available Memory Page Protection Scheme with Privilege ID (continued)
CORRESPONDING FIELD IN
PRIVID MODULE
MEMORY PROTECTION PAGE
PRIVILEGE MODE
DESCRIPTION
ATTRIBUTE REGISTERS
1
AID1
Inherited from CPU(1)
C64x+ Megamodule Core 1
2
AID2
Inherited from CPU(1)
C64x+ Megamodule Core 2
3
AID3
Inherited from CPU(1)
C64x+ Megamodule Core 3
4
AID4
Inherited from CPU(1)
C64x+ Megamodule Core 4
5
AID5
Inherited from CPU(1)
C64x+ Megamodule Core 5
6 (Core 0,
AIDX
Reserved
Reserved
silicon revisions
≤1.2)
6 (Core 0,
AIDX
Inherited from CPU(1)
C64x+ Megamodule Core 0
silicon revisions
>1.2)
>6
AIDX
Reserved
Reserved
Table 5-4. Available Memory Page Protection Scheme with AIDx and Local Bits
PRIVID MODULE
LOCAL BIT
DESCRIPTION
0
0
No access to memory page is permitted.
0
1
Only direct access by CPU is permitted.
1
0
Only accesses by system masters and IDMA are permitted (includes EDMA and IDMA
accesses initiated by the CPU).
1
1
All accesses permitted
Faults are handled by software in an interrupt (or exception, programmable within each C64x+
Megamodule interrupt controller) service routine. A CPU or DMA access to a page without the proper
permissions will:
•
Block the access - reads return zero, writes are voided.
•
Capture the initiator in a status register - ID, address, and access type are stored.
•
Signal event to CPU interrupt controller.
The software is responsible for taking corrective action to respond to the event and resetting the error
status in the memory controller.
For more information on memory protection for L1D, L1P, and L2, see the TMS320C64x+ DSP
Megamodule Reference Guide (literature number SPRU871).
5.3
Bandwidth Management
When multiple requestors contend for a single C64x+ Megamodule resource, the conflict is solved by
granting access to the highest priority requestor. The following four resources are managed by the
Bandwidth Management control hardware:
•
Level 1 Program (L1P) SRAM/Cache
•
Level 1 Data (L1D) SRAM/Cache
•
Level 2 (L2) SRAM/Cache
•
Memory-mapped registers configuration bus
The priority level for operations initiated within the C64x+ Megamodule; e.g., CPU-initiated transfers,
user-programmed cache coherency operations, and IDMA-initiated transfers, are declared through
registers in the C64x+ Megamodule. The priority level for operations initiated outside the C64x+
Megamodule by system peripherals is declared through the Priority Allocation Register (PRI_ALLOC), see
Figure 4-2. System peripherals with no fields in PRI_ALLOC have their own registers to program their
priorities.
More information on the bandwidth management features of the C64x+ Megamodule can be found in the
TMS320C64x+ DSP Megamodule Reference Guide (literature number SPRU871).
Copyright
© 2009–2011, Texas Instruments Incorporated
C64x+ Megamodule
101
Submit Documentation Feedback
Product Folder Link(s) :TMS320C6472



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com