Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMS320C6472ECTZ Datasheet(PDF) 112 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320C6472ECTZ
Description  TMS320C6472 Fixed-Point Digital Signal Processor
PDF  269 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS320C6472ECTZ Datasheet(HTML) 112 Page - Texas Instruments

Back Button TMS320C6472ECTZ Datasheet HTML 108Page - Texas Instruments TMS320C6472ECTZ Datasheet HTML 109Page - Texas Instruments TMS320C6472ECTZ Datasheet HTML 110Page - Texas Instruments TMS320C6472ECTZ Datasheet HTML 111Page - Texas Instruments TMS320C6472ECTZ Datasheet HTML 112Page - Texas Instruments TMS320C6472ECTZ Datasheet HTML 113Page - Texas Instruments TMS320C6472ECTZ Datasheet HTML 114Page - Texas Instruments TMS320C6472ECTZ Datasheet HTML 115Page - Texas Instruments TMS320C6472ECTZ Datasheet HTML 116Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 112 / 269 page
background image
TMS320C6472
SPRS612G
– JUNE 2009 – REVISED JULY 2011
www.ti.com
Table 5-13. Megamodule L1/L2 Memory Protection Registers (continued)
HEX ADDRESS RANGE
ACRONYM
REGISTER NAME
L1D Memory Protection Page Attribute Register 27
0184 AE6C
L1DMPPA27
00F0 5800 - 00F0 5FFF
L1D Memory Protection Page Attribute Register 28
0184 AE70
L1DMPPA28
00F0 6000 - 00F0 67FF
L1D Memory Protection Page Attribute Register 29
0184 AE74
L1DMPPA29
00F0 6800 - 00F0 6FFF
L1D Memory Protection Page Attribute Register 30
0184 AE78
L1DMPPA30
00F0 7000 - 00F0 77FF
L1D Memory Protection Page Attribute Register 31
0184 AE7C
L1DMPPA31
00F0 7800 - 00F0 7FFF
0184 AE80 - 0185 FFFF
-
Reserved
Table 5-14. CPU Megamodule Bandwidth Management Registers
HEX ADDRESS RANGE
ACRONYM
REGISTER NAME
0182 0200
EMCCPUARBE
EMC CPU Arbitration Control Register
0182 0204
EMCIDMAARBE
EMC IDMA Arbitration Control Register
0182 0208
EMCSDMAARBE EMC Slave DMA Arbitration Control Register
0182 020C
EMCMDMAARBE EMC Master DMA Arbitration Control Resgiter
0182 0210 - 0182 02FC
-
Reserved
0184 1000
L2DCPUARBU
L2D CPU Arbitration Control Register
0184 1004
L2DIDMAARBU
L2D IDMA Arbitration Control Register
0184 1008
L2DSDMAARBU
L2D Slave DMA Arbitration Control Register
0184 100C
L2DUCARBU
L2D User Coherence Arbitration Control Resgiter
0184 1010 - 0184 103C
-
Reserved
0184 1040
L1DCPUARBD
L1D CPU Arbitration Control Register
0184 1044
L1DIDMAARBD
L1D IDMA Arbitration Control Register
0184 1048
L1DSDMAARBD
L1D Slave DMA Arbitration Control Register
0184 104C
L1DUCARBD
L1D User Coherence Arbitration Control Resgiter
5.8
CPU Revision ID
Each 64x+ Megamodule contains a 64x+ CPU processing core. This 64x+ CPU processing core also
contains an additional CPU ID and Revision ID independent from the Megamodule Revision ID. It is
contained in the control status resister (CSR) which is part of the control register file within the CPU core.
The CPU ID field (bits 31:24) identifies the CPU core as 64x+ by returning the value 10h when read. The
REVISION ID field (bits 23:16) returns the value 00h when read. For more CPU Revision ID related
information, see the TMS320C6472 Digital Signal Processor Silicon Errata (literature number SPRZ300).
For more CPU CSR related information, see the TMS320C64x/C64x+ DSP CPU and Instruction Set
Reference Guide (literature number SPRU732).
112
C64x+ Megamodule
Copyright
© 2009–2011, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Link(s) :TMS320C6472



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com