Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMS320C6472ECTZ Datasheet(PDF) 119 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320C6472ECTZ
Description  TMS320C6472 Fixed-Point Digital Signal Processor
PDF  269 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS320C6472ECTZ Datasheet(HTML) 119 Page - Texas Instruments

Back Button TMS320C6472ECTZ Datasheet HTML 115Page - Texas Instruments TMS320C6472ECTZ Datasheet HTML 116Page - Texas Instruments TMS320C6472ECTZ Datasheet HTML 117Page - Texas Instruments TMS320C6472ECTZ Datasheet HTML 118Page - Texas Instruments TMS320C6472ECTZ Datasheet HTML 119Page - Texas Instruments TMS320C6472ECTZ Datasheet HTML 120Page - Texas Instruments TMS320C6472ECTZ Datasheet HTML 121Page - Texas Instruments TMS320C6472ECTZ Datasheet HTML 122Page - Texas Instruments TMS320C6472ECTZ Datasheet HTML 123Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 119 / 269 page
background image
DV
DD33
CV
CV
CV
DD
DD1
DD2
DV
and other 1.8-V
supplies
DD18
V
(DDR2)
REFSSSTL
DV
DD15
and other 1.5-V
supplies
V
(RGMII)
REFHSTL
1.2-V SERDES
supplies
1
2
3
4
DV
DD33
CV
DD
All other
power supplies
1
2
TMS320C6472
www.ti.com
SPRS612G
– JUNE 2009 – REVISED JULY 2011
adjusted by increasing/decreasing such delays. TI recommends utilizing the available I/O buffer
information specification (IBIS) models to analyze the timing characteristics correctly. To properly use IBIS
models to attain accurate timing analysis for a given system, see the Using IBIS Models for Timing
Analysis application report (literature number SPRA839). If needed, external logic hardware such as
buffers may be used to compensate any timing differences.
7.2
Recommended Clock and Control Signal Transition Behavior
All clocks and control signals must transition between VIH and VIL (or between VIL and VIH) in a monotonic
manner.
7.3
Power Supplies
7.3.1
Power-Supply Sequencing
TI recommends the power-supply sequence options shown in Figure 7-4 and Figure 7-5. For Option 2,
after the DVDD33 supply is stable, the remaining power supplies can be powered up at the same time as
CVDD as long as their supply voltage never exceeds the CVDD voltage until CVDD is stable. Note that the
word stable means voltages that have reached a valid level as described in Section 6.2. Some TI
power-supply devices include an "auto-track" feature that can be used to ensure multiple supply outputs
ramp at the same time to prevent one being higher than another during startup. In all of these sequencing
requirements, the intent is to prevent a subsequent power supply voltage from exceeding a previous
power supply until the previous supply has reached a stable value.
Figure 7-4. Power-Supply Sequence (Option 1)
Figure 7-5. Power-Supply Sequence (Option 2)
Copyright
© 2009–2011, Texas Instruments Incorporated
C64x+ Peripheral Information and Electrical Specifications
119
Submit Documentation Feedback
Product Folder Link(s) :TMS320C6472



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com