Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VSC8221 Datasheet(PDF) 123 Page - Microsemi Corporation

Part # VSC8221
Description  Single Port 10/100/1000BASE-T PHY with1.25 Gbps SerDes for SFPs/GBICs
PDF  138 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

VSC8221 Datasheet(HTML) 123 Page - Microsemi Corporation

Back Button VSC8221 Datasheet HTML 119Page - Microsemi Corporation VSC8221 Datasheet HTML 120Page - Microsemi Corporation VSC8221 Datasheet HTML 121Page - Microsemi Corporation VSC8221 Datasheet HTML 122Page - Microsemi Corporation VSC8221 Datasheet HTML 123Page - Microsemi Corporation VSC8221 Datasheet HTML 124Page - Microsemi Corporation VSC8221 Datasheet HTML 125Page - Microsemi Corporation VSC8221 Datasheet HTML 126Page - Microsemi Corporation VSC8221 Datasheet HTML 127Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 123 / 138 page
background image
VSC8221
Data Sheet
VMDS-10106 Revision 4.1
December 2006
123 of 123
123
28.7 Reset Timing
The following specifications are valid only when the i/O power supply (VDDiOmicro) is at either 3.3 V, ±5%, or 2.5 V, ±5%.
Figure 30. RESET AC Timing
Table 59. RESET AC Timing Specification
Symbol
Min
Typ
Max
Unit
Description
Conditions
TRESET
100
ns
Reset assertion time
TREADY
13
20
ms
Reset to SMi active time
if EEPROM is present, an
additional 100ms is
required
RESET
T
RESET
REFCLK
T
READY
MDIO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com