Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VSC8221 Datasheet(PDF) 126 Page - Microsemi Corporation

Part # VSC8221
Description  Single Port 10/100/1000BASE-T PHY with1.25 Gbps SerDes for SFPs/GBICs
PDF  138 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

VSC8221 Datasheet(HTML) 126 Page - Microsemi Corporation

Back Button VSC8221 Datasheet HTML 122Page - Microsemi Corporation VSC8221 Datasheet HTML 123Page - Microsemi Corporation VSC8221 Datasheet HTML 124Page - Microsemi Corporation VSC8221 Datasheet HTML 125Page - Microsemi Corporation VSC8221 Datasheet HTML 126Page - Microsemi Corporation VSC8221 Datasheet HTML 127Page - Microsemi Corporation VSC8221 Datasheet HTML 128Page - Microsemi Corporation VSC8221 Datasheet HTML 129Page - Microsemi Corporation VSC8221 Datasheet HTML 130Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 126 / 138 page
background image
VSC8221
Data Sheet
VMDS-10106 Revision 4.1
December 2006
126 of 132
132
31 DESIGN GUIDELINES
Although copper-based Ethernet physical layer devices (PHY) have been developed from an established iEEE standard, some
PHYs available in the marketplace are either non-compliant with the standard or implement non-standard features that cause
interoperability issues with the SimpliPHYTM series of gigabit Ethernet PHYs.
31.1 Required PHY Register Write Sequence
issue: At initialization, a number of internal registers must be changed from their default values.
Description: A series of register writes must be performed after device power-up or reset. These writes can be done using the
EEPROM connected to the EEPROM interface or by the Switch/Station Manager.
Workaround: The required register writes are as follows:
• 2A30h to PHY Register 31
• 0212h to PHY Register 8
• 52B5h to PHY Register 31
• 000Fh to PHY Register 2
• 472Ah to PHY Register 1
• 8FA4h to PHY Register 0
• 2A30h to PHY Register 31
• 0012h to PHY Register 8
• 0000h to PHY Register 31
31.2 interoperability with intel 82547Ei Gigabit Ethernet MAC+PHY iC
issue: Due to a non-standard startup-sequence in the intel 82547Ei MAC+PHY iC, the VSC8221 might take multiple attempts to
establish link.
Workaround: The following PHY register write can be performed to avoid this issue:
• 0049h to Mii Register 18
31.3 SerDes Jitter
issue: Under worst case conditions, total jitter performance may exceed the iEEE specifications for 1000BASE-X, as noted in
the table below.
impact: in typical applications with robust PCB design practices, however, actual performance is typically better than the figures
noted below.
Workaround: None.
Symbol
Min
Typ
Max
Unit
Parameter Description and Conditions
J(TOTAL, TX)
290
ps
Worst case total transmit jitter in media converter
applications.
J(TOTAL, RX)
400
ps
Worst case total receive jitter tolerance in media
converter applications.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com