Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VSC8221 Datasheet(PDF) 129 Page - Microsemi Corporation

Part # VSC8221
Description  Single Port 10/100/1000BASE-T PHY with1.25 Gbps SerDes for SFPs/GBICs
PDF  138 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

VSC8221 Datasheet(HTML) 129 Page - Microsemi Corporation

Back Button VSC8221 Datasheet HTML 125Page - Microsemi Corporation VSC8221 Datasheet HTML 126Page - Microsemi Corporation VSC8221 Datasheet HTML 127Page - Microsemi Corporation VSC8221 Datasheet HTML 128Page - Microsemi Corporation VSC8221 Datasheet HTML 129Page - Microsemi Corporation VSC8221 Datasheet HTML 130Page - Microsemi Corporation VSC8221 Datasheet HTML 131Page - Microsemi Corporation VSC8221 Datasheet HTML 132Page - Microsemi Corporation VSC8221 Datasheet HTML 133Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 129 / 138 page
background image
VSC8221
Data Sheet
VMDS-10106 Revision 4.1
December 2006
129 of 132
132
31.8 Clause 40 Auto MDi/MDi-X interoperability Testing
Description: The VSC8221 device’s Auto MDi/MDi-X will not pass the UNH iOL’s Clause 40 Auto-crossover test suite.
impact: Although the VSC8221 will not technically pass the entire Auto MDi/MDi-X test suite at the UNH iOL, extensive Auto
MDi/MDi-X interoperability testing has been performed in Microsemi’s internal interoperability lab, in addition to performing
standard interoperability testing at the UNH iOL. Due to the robust Auto MDi/MDi-X implementation in the VSC8221, there are
no known interoperability issues with Auto MDi/MDi-X at any speed. Please contact Microsemi for additional interoperability and
validation results, including the UNH iOL Test Report.
Workaround: None.
31.9 10BASE-T HDX issue with iXiA Test Suite
Description: A jam signal generated by an iXiA tester and sent to the VSC8221 in 10BASE-T HDX cannot be seen by a
receiving MAC. When a jam signal of 0xFF is generated by an iXiA test suite and transmitted at the start of the packet, the PHY
does not report any receive information on its SGMii interface. in SGMii, carrier sense in the MAC is derived from TX_DX, so the
MAC is not able to detect a collision.
impact: The only known situation that could be affected by this issue is if a receive error corrupts the entire preamble. Extensive
testing has only shown this error to occur when used with an iXiA tester. This error has not occurred in interoperability testing.
Workaround: None.
31.10 100BASE-FX initialization Script
The 100BASE-FX initialization script does the following:
• initializes the copper section of DSP to support the 100BASE-FX mode
• Disables the pair swap option
• Sets 100BASE-X PCS into FX mode
• Forces the PHY into 100Mbps mode
The following script is provided as an attached text file so that you can copy it electronically. in Acrobat, double-click the
attachment icon.
//--100BASE-FX initialization script for VSC8221.--//
phy_write( phynum(dec), regnum(dec), value(hex) );
phy_write(0, 31, 0x2a30);
phy_write(0,
8, 0x0212);
phy_write(0, 31, 0x52b5);
phy_write(0,
0, 0xa7fa);
phy_write(0,
2, 0x0012);
phy_write(0,
1, 0x3001);
phy_write(0,
0, 0x87fa);
phy_write(0, 31, 0x52b5);
phy_write(0,
0, 0xa240);



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com