Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VSC8221 Datasheet(PDF) 128 Page - Microsemi Corporation

Part # VSC8221
Description  Single Port 10/100/1000BASE-T PHY with1.25 Gbps SerDes for SFPs/GBICs
PDF  138 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

VSC8221 Datasheet(HTML) 128 Page - Microsemi Corporation

Back Button VSC8221 Datasheet HTML 124Page - Microsemi Corporation VSC8221 Datasheet HTML 125Page - Microsemi Corporation VSC8221 Datasheet HTML 126Page - Microsemi Corporation VSC8221 Datasheet HTML 127Page - Microsemi Corporation VSC8221 Datasheet HTML 128Page - Microsemi Corporation VSC8221 Datasheet HTML 129Page - Microsemi Corporation VSC8221 Datasheet HTML 130Page - Microsemi Corporation VSC8221 Datasheet HTML 131Page - Microsemi Corporation VSC8221 Datasheet HTML 132Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 128 / 138 page
background image
VSC8221
Data Sheet
VMDS-10106 Revision 4.1
December 2006
128 of 132
132
31.6 Software Reset Time
Description: The VSC8221 device’s software reset timing depends on the values of its Mii Register 22.9 (Sticky Reset Enable)
and its Extended Mii Register 21.14 (Re-Read EEPROM on Software Reset).
For more information, see Register 0 (00h) – Mode Control Register, page 67, Register 21E (15h) - EEPROM interface Status
and Control Register, page 101, and Register 22 (16h) – Control & Status Register, page 84.
impact: May cause errors if sufficient delay is not added between software reset and the next register access.
Workaround: System software must ensure that adequate delay is inserted between software reset and the next register
address.
31.7 Reducing EMi
Description: in systems that do not use the CLKOUT or the CLKOUTmicro outputs, radiated emissions can be reduced by
disabling these outputs. Under the default PHY settings, CLKOUT and CLKOUTmicro are enabled.
impact: Reduction of radiated emissions by disabling these unused clock outputs may enable customers to use less expensive
system enclosures or shielding methods to reduce system cost.
Workaround: For information about enabling or disabling the CLKOUT output, see Register 18 (12h) – Bypass Control
Register, page 81. For information about enabling or disabling the CLKOUTmicro output, see Register 17E (11h) - Serdes
Control Register, page 98.
Table 61. Software Reset Times
Sticky Reset
Enable (22.9)
Re-Read
EEPROM
(21E.14)
Reset Time
1
0
4 microseconds (default)
0
0
300 microseconds
0
1
200 milliseconds
1
1
200 milliseconds



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com