Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VSC8221 Datasheet(PDF) 127 Page - Microsemi Corporation

Part # VSC8221
Description  Single Port 10/100/1000BASE-T PHY with1.25 Gbps SerDes for SFPs/GBICs
PDF  138 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

VSC8221 Datasheet(HTML) 127 Page - Microsemi Corporation

Back Button VSC8221 Datasheet HTML 123Page - Microsemi Corporation VSC8221 Datasheet HTML 124Page - Microsemi Corporation VSC8221 Datasheet HTML 125Page - Microsemi Corporation VSC8221 Datasheet HTML 126Page - Microsemi Corporation VSC8221 Datasheet HTML 127Page - Microsemi Corporation VSC8221 Datasheet HTML 128Page - Microsemi Corporation VSC8221 Datasheet HTML 129Page - Microsemi Corporation VSC8221 Datasheet HTML 130Page - Microsemi Corporation VSC8221 Datasheet HTML 131Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 127 / 138 page
background image
VSC8221
Data Sheet
VMDS-10106 Revision 4.1
December 2006
127 of 132
132
31.4 SGMii 100BASE-TX Corruption of Packets with Odd Preambles
Description: in SGMii-CAT5 mode and while receiving 100BASE-TX packets with odd preambles, the VSC8221 device’s
receive rate adaptation block will not properly encode the packet.
The following diagram is an excerpt from Figure 2 of the Cisco SGMii Specification v1.7.
Figure 32. SGMii Rx Path from the PHY to the MAC
impact: This will cause a normal packet with an odd preamble to become corrupted. The corruption occurs while encoding the
SFD. This may cause an otherwise normal packet to be dropped at the MAC.
Example:
Case i : even preamble (correct)
55555Dxyz : encoded as 55, 55, D5, yx …
Case ii : odd preamble (incorrect)
5555Dxyz : encoded as 55, 55, xD, zy …
Note no SFD in above
Workaround: There is no workaround at the physical layer of the PHY’s packet transmission. if higher layers are being
employed on this receive path such as TCP/iP, then a re-transmission request could occur to recover from the loss. This is a
problem only when the preamble is corrupted by noise in the CAT5 link or when the link partner PHY is transmitting a non-
compliant preamble.
31.5 SGMii 100BASE-TX Corruption of Packets with no ESDs
Description: in SGMii-to-CAT5 mode and while receiving 100BASE-XT packets with no ESD from the CAT5 interface, the
100BASE-TX receive PCS extends the packet by a nibble while asserting RX_ER.
impact: The rate adaption block subsequently will not transmit this additional nibble and the RX_ER to the MAC. The MAC may
then consider this a normal packet.
Workaround: There is no workaround at the PHY’s SGMii layer. The likelihood of receiving a packet with no ESD and no CRC
error is low. During such an event (if it does occur), the data address and payload are not corrupted. The only item that would
be lost is that an RX_ER event occurred to mark the missing ESD during transmission.
For more information, see Figure 32, above.
Serializer
PCS
Transmit
State
Machine
RX
ENC_RXD [0:9]
RX
RX_ER
RXD[7:0]
RX_CLK @ 25 MHz
PHY
Receive
Rate
Adaptation
RXD[3:0] for 10/100BT
RXD[7:0] for 1000BT
RX_CLK @ 2.5/25/125 MHz
To MAC
From CAT-5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com