Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VSC8221 Datasheet(PDF) 124 Page - Microsemi Corporation

Part # VSC8221
Description  Single Port 10/100/1000BASE-T PHY with1.25 Gbps SerDes for SFPs/GBICs
PDF  138 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

VSC8221 Datasheet(HTML) 124 Page - Microsemi Corporation

Back Button VSC8221 Datasheet HTML 120Page - Microsemi Corporation VSC8221 Datasheet HTML 121Page - Microsemi Corporation VSC8221 Datasheet HTML 122Page - Microsemi Corporation VSC8221 Datasheet HTML 123Page - Microsemi Corporation VSC8221 Datasheet HTML 124Page - Microsemi Corporation VSC8221 Datasheet HTML 125Page - Microsemi Corporation VSC8221 Datasheet HTML 126Page - Microsemi Corporation VSC8221 Datasheet HTML 127Page - Microsemi Corporation VSC8221 Datasheet HTML 128Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 124 / 138 page
background image
VSC8221
Data Sheet
VMDS-10106 Revision 4.1
December 2006
124 of 124
124
29 PACKAGING SPECIFICATIONS
29.1 100-Ball 9 × 9mm TFBGA Mechanical Specification
Figure 31. 100-Ball 9 × 9mm TFBGA Mechanical Specification
29.2 Package Moisture Sensitivity
Moisture sensitivity level ratings for Microsemi products comply with JEDEC standard iPC/JEDEC J-STD-020B. All Microsemi
products are rated moisture sensitivity level 3 or better unless specified otherwise. For more information, see the JEDEC
standard.
Dimensions are in millimeters (mm).
Ball Pitch : 0.80
Ball Diameter: 0.4
Substrate Thickness: 0.21
Mold Thickness: 0.53



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com