Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VSC8221 Datasheet(PDF) 134 Page - Microsemi Corporation

Part # VSC8221
Description  Single Port 10/100/1000BASE-T PHY with1.25 Gbps SerDes for SFPs/GBICs
PDF  138 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

VSC8221 Datasheet(HTML) 134 Page - Microsemi Corporation

Back Button VSC8221 Datasheet HTML 130Page - Microsemi Corporation VSC8221 Datasheet HTML 131Page - Microsemi Corporation VSC8221 Datasheet HTML 132Page - Microsemi Corporation VSC8221 Datasheet HTML 133Page - Microsemi Corporation VSC8221 Datasheet HTML 134Page - Microsemi Corporation VSC8221 Datasheet HTML 135Page - Microsemi Corporation VSC8221 Datasheet HTML 136Page - Microsemi Corporation VSC8221 Datasheet HTML 137Page - Microsemi Corporation VSC8221 Datasheet HTML 138Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 134 / 138 page
background image
VSC8221
Data Sheet
VMDS-10106 Revision 4.1
December 2006
134 of 138
138
33 DOCUMENT HISTORY AND NOTICES
Revision
Number
Date
Comments
0.1.0
Feb 10, 04
First Preliminary Release
0.1.1
May 11, 04
Added VDD12A pin reference.
Added Errata Section and added errata no. 6
Updated ‘specification’ section with VDD12A reference
Updated LED ECO
0.1.2
Jun 22, 04
Added ‘Connector Loopback section’
Added power consumption data.
Removed Errata Section, added design guidelines section.
Updated Mii Register 0.15, 24.0 removed column S.no from table 27.2 (Register 23)
2.0
Aug 18, 04
Updated document style to reflect Microsemi corporate standards.
Added two power consumption tables.
Added new package diagram.
Replaced Cicada silicon revision conventions with the Microsemi silicon revision
conventions. A0 (Cicada) is now A (Microsemi). A1 (Cicada) is now C (Microsemi).
2.1
Sep 13, 04
Changed ambient free-air operating temperature and thermal resistance specifications.
4.0
May 02, 05
Removed reference to support of 100BASE-FX (100 Mbps) modules in the Features
and Benefits section.
Changed description of the System Clock interface Signals - in XTAL1 crystal oscillator
input section. For more information, see Table 5, “System Clock interface Signals
(SCi),” on page 17.
Deleted the system schematics that showed power supply connections.
Added descriptive information to the section about the device twisted pair interface. For
more information, see Section 10, “Twisted Pair interface” on page 10-29.
Added information about the device Auto-MDi/MDi-X in Forced 10/100 Link Speeds.
For more information, see Section 10.3, “Auto MDi/MDi-X in Forced 10/100 Link
Speeds” on page 10-30.
Added information about Forcing the PHY into MDi or MDi-X mode in 10/100/1000 Link
Speeds. For more information, see Section 10.4, “Forcing the PHY into MDi or MDi-X
mode in 10/100/1000 Link Speeds” on page 10-31.
Changed title of SMi pin descriptions table. For more information, see Table 18, “SMi
Pin Descriptions - iEEE Mode,” on page 38.
Added information to the LED Function Assignments table. For more information, see
Table 20, “LED Function Assignments,” on page 41.
Changed the information associated with the device Parallel LED functions. For more
information, see Table 21, “Parallel LED Functions,” on page 41.
Changed information associated with the device identification register. For more
information, see Section 14, “Test Mode interface (JTAG)” on page 14-44.
in the Operation in enhanced ActiPHY mode section, changed the illustration showing
the enhanced ActiPHY state. For more information, see Figure 16 on page 15-47.
in the description of near-end loopback testing, the information about what happens to
the signal was changed. For more information, see Section 17.4, “Near-End Loopback”
on page 17-52.
(continues)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com