Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VSC8221 Datasheet(PDF) 136 Page - Microsemi Corporation

Part # VSC8221
Description  Single Port 10/100/1000BASE-T PHY with1.25 Gbps SerDes for SFPs/GBICs
PDF  138 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

VSC8221 Datasheet(HTML) 136 Page - Microsemi Corporation

Back Button VSC8221 Datasheet HTML 130Page - Microsemi Corporation VSC8221 Datasheet HTML 131Page - Microsemi Corporation VSC8221 Datasheet HTML 132Page - Microsemi Corporation VSC8221 Datasheet HTML 133Page - Microsemi Corporation VSC8221 Datasheet HTML 134Page - Microsemi Corporation VSC8221 Datasheet HTML 135Page - Microsemi Corporation VSC8221 Datasheet HTML 136Page - Microsemi Corporation VSC8221 Datasheet HTML 137Page - Microsemi Corporation VSC8221 Datasheet HTML 138Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 136 / 138 page
background image
VSC8221
Data Sheet
VMDS-10106 Revision 4.1
December 2006
136 of 138
138
4.0
(continued)
May 02, 05
(continued)
Changed the power consumption specification for the device with VDDiO at 3.3V, in
SGMii-to-Cat-5 mode (100 Mbps), FD, 1518-byte randmom data packet, 100%
utilization; and with SCLK, SFT and regulator off. For more information, see Table 41,
“VDDiO at 3.3 V, SGMii-Cat-5 (100 Mbps), SCLK Disabled,” on page 110.
Changed the power consumption specification for the device with VDDiO at 3.3V, in
SGMii-to-Cat-5 mode (10 Mbps), FD, 1518-byte randmom data packet, 100%
utilization; and with SCLK, SFT and regulator off. For more information, see Table 42,
“VDDiO at 3.3 V, SGMii-Cat-5 (10 Mbps), SCLK Disabled,” on page 111.
Changed the power consumption specification for the device with VDDiO at 3.3V, in
SerDes-to-Cat-5 mode, FD, 1518-byte randmom data packet, 100% utilization; and
with SFT and regulator off, SCLK on. For more information, see Table 43, “VDDiO at
3.3 V SerDes-Cat-5, SCLK Enabled,” on page 111.
Changed the output high voltage specification for the digital pins when VDDiO = 3.3 V.
Also changed the specification for the output low voltage. Also changed the
specification for the input high voltage. Also changed the specification for the input low
voltage. For more information, see Table 47, “Digital Pins Specifications (VDDiO =
3.3 V),” on page 114.
Changed the specification for random jitter (RJ) in the SerDes specifications table. For
more information, see Table 52, “SerDes Specifications,” on page 117. Also changed
deterministic jitter specification (DJ) in the same table.
Added specifications for the device reset timing. For more information, see Section
28.7, “Reset Timing” on page 24-123.
Added information about the moisture sensitivity of the device package. For more
information, see Section 29.2, “Package Moisture Sensitivity” on page 25-124.
Deleted temperature range information from the device ordering information.
Added descriptive information and specifications for the device SerDes jitter. For more
information, see Section 31.3, “SerDes Jitter” on page 27-126.
Added descriptive information, specifications, illustrations and example cases related to
the device's corruption of packets with odd preambles when operating in SGMii
100BASE-TX mode. For more information, see Section 31.4, “SGMii 100BASE-TX
Corruption of Packets with Odd Preambles” on page 27-127.
Added descriptive information related to the device's corruption of packets with no
ESDs when operating in SGMii 100BASE-TX mode. For more information, see Section
31.5, “SGMii 100BASE-TX Corruption of Packets with no ESDs” on page 27-127.
Added descriptive information and specifications related to the device's software reset
timing. For more information, see Section 31.6, “Software Reset Time” on page 27-128.
Added descriptive information related to the reduction of EMi. For more information,
see Section 31.7, “Reducing EMi” on page 27-128.
Revision
Number
Date
Comments



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com