Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VSC8221 Datasheet(PDF) 135 Page - Microsemi Corporation

Part # VSC8221
Description  Single Port 10/100/1000BASE-T PHY with1.25 Gbps SerDes for SFPs/GBICs
PDF  138 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

VSC8221 Datasheet(HTML) 135 Page - Microsemi Corporation

Back Button VSC8221 Datasheet HTML 130Page - Microsemi Corporation VSC8221 Datasheet HTML 131Page - Microsemi Corporation VSC8221 Datasheet HTML 132Page - Microsemi Corporation VSC8221 Datasheet HTML 133Page - Microsemi Corporation VSC8221 Datasheet HTML 134Page - Microsemi Corporation VSC8221 Datasheet HTML 135Page - Microsemi Corporation VSC8221 Datasheet HTML 136Page - Microsemi Corporation VSC8221 Datasheet HTML 137Page - Microsemi Corporation VSC8221 Datasheet HTML 138Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 135 / 138 page
background image
VSC8221
Data Sheet
VMDS-10106 Revision 4.1
December 2006
135 of 138
138
4.0
(continued)
May 02, 05
(continued)
in the description of the connector loopback, the information about connecting the PHY
to a loopback connector or loopback cable. For more information, see Section 17.5,
“Connector Loopback” on page 17-52.
Deleted information about the device SGMii-to-100BASE-FX operation (was page 60 in
the previous version of the datasheet).
Deleted information about the device’s iEEE 802.3 Clause 28 and 37 Remote Fault
indication support (was page 61 in the previous version of the datasheet).
Added information to the description of the device mode control register. For more
information, see Section 23.2.1, “Register 0 (00h) – Mode Control Register” on page
23-67.
Added information to the description of the device mode status register. For more
information, see Section 23.2.2, “Register 1 (01h) – Mode Status Register” on page 23-
69.
Changed information associated with the reset value of the device identification register
#2. For more information, see Section 23.2.4, “Register 3 (03h) – PHY identifier
Register #2” on page 23-71.
Changed the information associated with certain reset values in the device PHY control
register #2. For more information, see Section 23.2.25, “Register 24 (18h) – PHY
Control Register #2” on page 23-87.
Changed the information associated with the reset value in the device LED control
register. For more information, see Section 23.2.28, “Register 27 (1Bh) – LED Control
Register” on page 23-92.
Changed the information associated with the enhanced ActiPHY mode enable bit in the
device auxilliary control and status register. For more information, see Section 23.2.29,
“Register 28 (1Ch) – Auxiliary Control and Status Register” on page 23-94.
information on the SiGDET pin direction when the device is operating in serial MAC-to-
CAT-5 media and Fiber media modes was changed. For more information, see Section
23.3.4, “Register 19E (13h) - SerDes Control # 2” on page 23-99.
The reset value for bits 8 and 4 in the Extended PHY control register #3 were changed.
For more information, see Section 23.3.5, “Register 20E (14h) - Extended PHY Control
Register #3” on page 23-100. Also changed description of bit 5 in this register.
The specification for ESD according to the Machine Model (VESD(MM)) was deleted
from the Electrical Specifications section.
information about the ESD sensitivity of the device was added. For more information,
see Section 24.1, “Absolute Maximum Ratings” on page 24-107.
The device operating temperature specification was changed. For more information,
see Section 24.2, “Recommended Operating Conditions” on page 24-107.
Added qualifying description to estimates of current and power consumption. For more
information, see Section 24.5, “Current and Power Consumption Estimates” on page
24-109.
Changed the power consumption specification for the device with VDDiO at 3.3V, in
SerDes-to-Cat-5 mode, FD, 1518-byte randmom data packet, 100% utilization; and
with SCLK, SFT and regulator off. For more information, see Table 39, “VDDiO at 3.3 V,
SerDes-Cat-5, SCLK Disabled,” on page 109.
Changed the power consumption specification for the device with VDDiO at 3.3V, in
SGMii-to-Cat-5 mode (1000 Mbps), FD, 1518-byte randmom data packet, 100%
utilization; and with SCLK, SFT and regulator off. For more information, see Table 40,
“VDDiO at 3.3 V, SGMii-Cat-5 (1000 Mbps), SCLK Disabled,” on page 110.
(continues)
Revision
Number
Date
Comments



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com