Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VSC8221 Datasheet(PDF) 137 Page - Microsemi Corporation

Part # VSC8221
Description  Single Port 10/100/1000BASE-T PHY with1.25 Gbps SerDes for SFPs/GBICs
PDF  138 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

VSC8221 Datasheet(HTML) 137 Page - Microsemi Corporation

Back Button VSC8221 Datasheet HTML 130Page - Microsemi Corporation VSC8221 Datasheet HTML 131Page - Microsemi Corporation VSC8221 Datasheet HTML 132Page - Microsemi Corporation VSC8221 Datasheet HTML 133Page - Microsemi Corporation VSC8221 Datasheet HTML 134Page - Microsemi Corporation VSC8221 Datasheet HTML 135Page - Microsemi Corporation VSC8221 Datasheet HTML 136Page - Microsemi Corporation VSC8221 Datasheet HTML 137Page - Microsemi Corporation VSC8221 Datasheet HTML 138Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 137 / 138 page
background image
VSC8221
Data Sheet
VMDS-10106 Revision 4.1
December 2006
137 of 138
138
4.1
December 06
•
in the media converter application diagram, the RJ-45 speed was corrected from 10/
100/1000BASE-T to 1000BASE-T.
•
Throughout the datasheet, information was added regarding the 100BASE-FX
mode. The following lists the main information:
– For information about twisted pair signals in 100BASE-FX mode, see Table 12:
“Twisted Pair interface Signals”.
– For information about 100BASE-FX system schematics, see Figure 5: "System
Schematic - 100Mbps Fiber Media implementation".
– For information about 100BASE-FX connections and initialization, see Section
10.6: "100Mbps Fiber Support Over Copper Media interface" and Section 31.10:
"100BASE-FX initialization Script".
– For information about 100BASE-FX current consumption, see Table 45: “VDDiO
at 3.3V SGMii-100BASE-FX, SFP Mode Off”.
•
in the listing of JTAG interface instruction codes, the register width given for the
instructions EXTEST and SAMPLE/PRELOAD was corrected from 196 bits to
72 bits.
•
in the reset AC timing diagram, the MDiO signal pulse width was widened to be
more accurate relative to the pulse width of the REFCLK signal. For more
information about this specification, see Figure 30: "RESET AC Timing".
•
in the reset AC timing specifications, TREADY signal, a condition was added that if
EEPROM is present, an additional 100ms is required. For more information about
reset AC timing, see Table 59: “RESET AC Timing Specification”.
Revision
Number
Date
Comments



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com