Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

K32L2AX Datasheet(PDF) 15 Page - NXP Semiconductors

Part # K32L2AX
Description  K32 L2A Microcontroller with 512 KB Flash and 128 KB SRAM
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

K32L2AX Datasheet(HTML) 15 Page - NXP Semiconductors

Back Button K32L2AX Datasheet HTML 11Page - NXP Semiconductors K32L2AX Datasheet HTML 12Page - NXP Semiconductors K32L2AX Datasheet HTML 13Page - NXP Semiconductors K32L2AX Datasheet HTML 14Page - NXP Semiconductors K32L2AX Datasheet HTML 15Page - NXP Semiconductors K32L2AX Datasheet HTML 16Page - NXP Semiconductors K32L2AX Datasheet HTML 17Page - NXP Semiconductors K32L2AX Datasheet HTML 18Page - NXP Semiconductors K32L2AX Datasheet HTML 19Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 96 page
background image
Table 5. Chip power modes (continued)
Chip mode
Description
Core mode
Normal
recovery
method
STOP (Normal
Stop) - via WFI
Places chip in static state. Lowest power mode that retains all
registers while maintaining LVD protection.
• NVIC is disabled.
• AWIC is used to wake up from interrupt.
• Peripheral clocks are stopped.
Sleep Deep
Interrupt
VLPR (Very
Low-Power
Run)
On-chip voltage regulator is in a low-power mode that supplies only
enough power to run the chip at a reduced frequency.
• Reduced frequency Flash access mode (1 MHz)
• LVD off
• In BLPI clock mode, only the fast internal reference oscillator is
available to provide a low power nominal 4 MHz source for the
core with the nominal bus and flash clock required to be <800
kHz
• Alternatively, BLPE clock mode can be used with an external
clock or the crystal oscillator providing the clock source.
Run
—
VLPW (Very
Low-Power
Wait) -via WFI
Same as VLPR but with the core in Sleep mode to further reduce
power.
• NVIC remains sensitive to interrupts (FCLK = ON).
• On-chip voltage regulator is in a low-power mode that supplies
only enough power to run the chip at a reduced frequency.
Sleep
Interrupt
VLPS (Very
Low-Power
Stop)-via WFI
Places chip in static state with LVD operation off. Lowest power mode
with ADC and pin interrupts functional.
• Peripheral clocks are stopped, but OSC, LPTMR,LPUART,
RTC, CMP, TSI can be used.
• TPM and UART can optionally be enabled if their clock source
is enabled.
• NVIC is disabled (FCLK = OFF); AWIC is used to wake up from
interrupt.
• On-chip voltage regulator is in a low-power mode that supplies
only enough power to run the chip at a reduced frequency.
• All SRAM is operating (content retained and I/O states held).
Sleep Deep
Interrupt
LLS3 (Low-
Leakage Stop3)
State retention power mode
• Most peripherals are in state retention mode (with clocks
stopped), but OSC, LLWU,LPTMR, RTC, CMP, TSI can be
used.
• NVIC is disabled; LLWU is used to wake up.
NOTE:
The LLWU interrupt must not be masked
by the interrupt controller to avoid a
scenario where the system does not fully
exit stop mode on an LLS recovery
• All SRAM is operating (content retained and I/O states held).
Sleep Deep
Wake-up
Interrupt1
LLS2 (Low-
Leakage Stop2)
State retention power mode
• Most peripherals are in state retention mode (with clocks
stopped), but OSC, LLWU,LPTMR, RTC, CMP, TSI can be
used.
• NVIC is disabled; LLWU is used to wake up.
NOTE:
The LLWU interrupt must not be masked
by the interrupt controller to avoid a
Sleep Deep
Wake-up
Interrupt1
Table continues on the next page...
Overview
K32 L2A Microcontroller with 512 KB Flash and 128 KB SRAM, Rev. 3, 02/2021
15
NXP Semiconductors



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com