Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

K32L2AX Datasheet(PDF) 18 Page - NXP Semiconductors

Part # K32L2AX
Description  K32 L2A Microcontroller with 512 KB Flash and 128 KB SRAM
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

K32L2AX Datasheet(HTML) 18 Page - NXP Semiconductors

Back Button K32L2AX Datasheet HTML 14Page - NXP Semiconductors K32L2AX Datasheet HTML 15Page - NXP Semiconductors K32L2AX Datasheet HTML 16Page - NXP Semiconductors K32L2AX Datasheet HTML 17Page - NXP Semiconductors K32L2AX Datasheet HTML 18Page - NXP Semiconductors K32L2AX Datasheet HTML 19Page - NXP Semiconductors K32L2AX Datasheet HTML 20Page - NXP Semiconductors K32L2AX Datasheet HTML 21Page - NXP Semiconductors K32L2AX Datasheet HTML 22Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 96 page
background image
Table 6. LLWU Wakeup Sources
(continued)
IRQ
Module source or pin name
LLWU_M0DR
LPTMR0 asynchronous DMA
LLWU_M3DR
LPTMR1 asynchronous DMA
LLWU_M4DR
TSI asynchronous DMA
LLWU_M6DR
LPTMR0 trigger
LLWU_M7DR
LPTMR1 trigger
2.1.10 Debug controller
The debug system of this device is based on the Arm CoreSight™ architecture, and is
configured to provide the maximum flexibility as allowed by the restrictions of the
pinout and other available resources.
The MCU has a single M0+ CPU available for customer application use.
Debug provides register and memory accessibility from the external debugger interface,
basic run/halt control, plus 2 breakpoints and 2 watchpoints. Additionally, it supports
Arm's Micro Trace Buffer (MTB) capability to provide simple program trace. Only one
debug interface is supported: Serial Wire Debug (SWD). The SWD interface provides
the capability for debugger tools to interface to the CPU.
2.2 Peripheral features
2.2.1 16-bit SAR ADC
This device contains one 16-bit successive approximation ADC. The ADC supports
both software and hardware triggers.
The number of ADC channels present on the device is determined by the pinout of the
specific device package.
2.2.2 Crossbar Switch Lite (AXBS-Lite)
The information found here provides information on the layout, configuration, and
programming of the crossbar switch.
Overview
18
K32 L2A Microcontroller with 512 KB Flash and 128 KB SRAM, Rev. 3, 02/2021
NXP Semiconductors



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com