Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

K32L2AX Datasheet(PDF) 2 Page - NXP Semiconductors

Part # K32L2AX
Description  K32 L2A Microcontroller with 512 KB Flash and 128 KB SRAM
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

K32L2AX Datasheet(HTML) 2 Page - NXP Semiconductors

  K32L2AX Datasheet HTML 1Page - NXP Semiconductors K32L2AX Datasheet HTML 2Page - NXP Semiconductors K32L2AX Datasheet HTML 3Page - NXP Semiconductors K32L2AX Datasheet HTML 4Page - NXP Semiconductors K32L2AX Datasheet HTML 5Page - NXP Semiconductors K32L2AX Datasheet HTML 6Page - NXP Semiconductors K32L2AX Datasheet HTML 7Page - NXP Semiconductors K32L2AX Datasheet HTML 8Page - NXP Semiconductors K32L2AX Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 96 page
background image
• System Clock Generator module that includes the
following clock sources:
• 48 to 60 MHz high accuracy fast internal
reference clock (FIRC)
• 32–40 kHz, or 3–32 MHz crystal oscillator
• 1 kHz LPO clock
• 2/8 MHz slow internal reference clock (SIRC)
• Peripheral Clock Control (PCC) module that
supports asynchronous clocking and clock divide
options for peripherals
Human-machine interface
• General-purpose input/output up to 97
• Low-power hardware touch sensor interface (TSI)
• Two 2-channel Timer/PWM modules
• Two low-power timers
• Two periodic interrupt timers
• Secure Real time clock
• 56-bit software time stamp timer at 1 MHz
Security and integrity modules
• 80-bit unique identification number per chip
• CAU supports acceleration of the DES, 3DES, AES,
MD5, SHA-1, and SHA-256 algorithms
• True Random Number Generator (TRNG)
Operating Characteristics
• Voltage range: 1.71 to 3.6 V
• Temperature range: –40 to 105 °C
Related Resources
Type
Description
Resource
Selector
Guide
The NXP Solution Advisor is a web-based tool that features interactive
application wizards and a dynamic product selector.
Solution Advisor
Reference
Manual
The Reference Manual contains a comprehensive description of the
structure and function (operation) of a device.
K32L2AxRM1
Data Sheet
The Data Sheet includes electrical characteristics and signal
connections.
This document1
Chip Errata
The chip mask set Errata provides additional or corrective information for
a particular device mask set.
K32L2A41VLL1A_1N52N 1
Package
drawing
Package dimensions are provided in package drawings.
• 64-LQFP: 98ASS23234W1
• 100-LQFP:
98ASS23308W1
1. To find the associated resource, go to http://www.nxp.com and perform a search using this term.
2
K32 L2A Microcontroller with 512 KB Flash and 128 KB SRAM, Rev. 3, 02/2021
NXP Semiconductors



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com