Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

K32L2AX Datasheet(PDF) 66 Page - NXP Semiconductors

Part # K32L2AX
Description  K32 L2A Microcontroller with 512 KB Flash and 128 KB SRAM
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

K32L2AX Datasheet(HTML) 66 Page - NXP Semiconductors

Back Button K32L2AX Datasheet HTML 62Page - NXP Semiconductors K32L2AX Datasheet HTML 63Page - NXP Semiconductors K32L2AX Datasheet HTML 64Page - NXP Semiconductors K32L2AX Datasheet HTML 65Page - NXP Semiconductors K32L2AX Datasheet HTML 66Page - NXP Semiconductors K32L2AX Datasheet HTML 67Page - NXP Semiconductors K32L2AX Datasheet HTML 68Page - NXP Semiconductors K32L2AX Datasheet HTML 69Page - NXP Semiconductors K32L2AX Datasheet HTML 70Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 66 / 96 page
background image
8.6.2 Voltage reference electrical specifications
Table 36. VREF full-range operating requirements
Symbol
Description
Min.
Max.
Unit
Notes
VDDA
Supply voltage for 1.2V output
3.6
V
—
Supply voltage for 2.1V output
2.4
3.6
V
—
TA
Temperature
Operating temperature
range of the device
°C
—
CL
Output load capacitance
100
nF
1, 2
1. CL must be connected to VREF_OUT if the VREF_OUT functionality is being used for either an internal or external
reference.
2. The load capacitance should not exceed +/-25% of the nominal specified CL value over the operating temperature range
of the device.
Table 37. VREF full-range operating behaviors
Symbol
Description
Min.
Typ.
Max.
Unit
Notes
Vout
Voltage reference output with factory trim at
nominal VDDA and temperature=25°C
1.190
1.195
1.2
V
1
2.092
2.1
2.108
V
Vout
Voltage reference 1.2 V output— factory trim
1.188
1.195
1.202
V
1
Voltage reference 2.1 V output — factory trim
2.087
2.1
2.113
V
1
Vstep
Voltage reference trim step for 1.2 V output
—
0.5
—
mV
1
Voltage reference trim step for 2.1 V output
—
1.5
—
mV
1
Ac
Aging coefficient
—
—
400
uV/yr
—
Ibg
Bandgap only current
—
60
80
µA
1
Ilp
Low-power buffer current
—
180
360
µA
1
Ihp
High-power buffer current
—
480
960
µA
1
ΔVLOAD Load regulation — current is ± 1.0 mA
—
±0.2
—
mV
1, 2
Tstup
Buffer startup time
—
—
100
µs
—
Vvdrift
Voltage drift for 1.2 V output (Vmax -Vmin
across the full voltage range)
—
0.5
2
mV
1
Voltage drift for 2.1 V output (Vmax -Vmin
across the full voltage range)
—
0.9
3.5
mV
Vtdrift
Temperature drift for 1.2 V output (Vmax -Vmin
across the full temperature range)
—
2
15
mV
3
Temperature drift for 2.1 V output (Vmax -Vmin
across the full temperature range)
—
3.5
26
mV
1. See the chip's Reference Manual for the appropriate settings of the VREF Status and Control register for Vout selection
of 1.2 V or 2.1 V.
2. Load regulation voltage is the difference between the VREF_OUT voltage with no load vs. voltage with defined load
3. To get best performance of VREF temperature drift, VREF_SC[ICOMPEN] must be set.
Peripheral operating requirements and behaviors
66
K32 L2A Microcontroller with 512 KB Flash and 128 KB SRAM, Rev. 3, 02/2021
NXP Semiconductors



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com