Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

K32L2AX Datasheet(PDF) 25 Page - NXP Semiconductors

Part # K32L2AX
Description  K32 L2A Microcontroller with 512 KB Flash and 128 KB SRAM
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

K32L2AX Datasheet(HTML) 25 Page - NXP Semiconductors

Back Button K32L2AX Datasheet HTML 21Page - NXP Semiconductors K32L2AX Datasheet HTML 22Page - NXP Semiconductors K32L2AX Datasheet HTML 23Page - NXP Semiconductors K32L2AX Datasheet HTML 24Page - NXP Semiconductors K32L2AX Datasheet HTML 25Page - NXP Semiconductors K32L2AX Datasheet HTML 26Page - NXP Semiconductors K32L2AX Datasheet HTML 27Page - NXP Semiconductors K32L2AX Datasheet HTML 28Page - NXP Semiconductors K32L2AX Datasheet HTML 29Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 96 page
background image
This device includes a voltage reference (VREF) to supply an accurate 1.2 V or 2.1 V
voltage output.
2.2.22 Watchdog (WDOG)
The multiple clock inputs for the WDOG are:
• 1 kHz clock
• bus clock
• 8 MHz or 2 MHz internal reference clock
• external crystal
3 Memory Map
This device contains various memories and memory-mapped peripherals which are
located in a 4 GB memory space. The following table lists the system memory and
peripheral addresses.
Table 7. Memory Map
Type
START ADDRESS
END ADDRESS
Function
Code
0x0000_0000
0x0007_FFFF
Program Flash
0x0008_0000
0x1CFF_FFFF
Reserved
0x1C00_0000
0x1C00_7FFF
Boot ROM
0x1C00_8000
0x1CFF_FFFF
Reserved
0x1D00_0000
0x1D01_FFFF
Reserved
0x1D02_0000
0x1D03_FFFF
Reserved
0x1D04_0000
0x1D1F_FFFF
Reserved
0x1D20_0000
0x1D21_FFFF
Reserved
0x1D22_0000
0x1D23_FFFF
Reserved
0x1D24_0000
0x1FFF_7FFF
Reserved
0x1FFF_8000
0x1FFF_9FFF
SRAM
0x1FFF_A000
0x1FFF_FFFF
SRAM
SRAM
0x2000_0000
0x2001_1FFF
SRAM
0x2001_2000
0x2001_7FFF
SRAM
0x2001_8000
0x2CFF_FFFF
Reserved
0x2D00_0000
0x2D01_FFFF
Reserved
0x2D02_0000
0x2D03_FFFF
Reserved
0x2D04_0000
0x2D0F_FFFF
Reserved
0x2D10_0000
0x2D10_7FFF
Reserved
Table continues on the next page...
Memory Map
K32 L2A Microcontroller with 512 KB Flash and 128 KB SRAM, Rev. 3, 02/2021
25
NXP Semiconductors



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com