Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

K32L2AX Datasheet(PDF) 7 Page - NXP Semiconductors

Part # K32L2AX
Description  K32 L2A Microcontroller with 512 KB Flash and 128 KB SRAM
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

K32L2AX Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button K32L2AX Datasheet HTML 3Page - NXP Semiconductors K32L2AX Datasheet HTML 4Page - NXP Semiconductors K32L2AX Datasheet HTML 5Page - NXP Semiconductors K32L2AX Datasheet HTML 6Page - NXP Semiconductors K32L2AX Datasheet HTML 7Page - NXP Semiconductors K32L2AX Datasheet HTML 8Page - NXP Semiconductors K32L2AX Datasheet HTML 9Page - NXP Semiconductors K32L2AX Datasheet HTML 10Page - NXP Semiconductors K32L2AX Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 96 page
background image
2.1.1 Arm Cortex-M0+ core
The enhanced Arm Cortex M0+ is the member of the Cortex-M series of processors
targeting microcontroller cores focused on very cost sensitive, low power
applications. It has a single 32-bit AMBA AHB-Lite interface and includes an NVIC
component. It also has hardware debug functionality including support for simple
program trace capability. The processor supports the Armv6-M instruction set
(Thumb) architecture including all but three 16-bit Thumb opcodes (52 total) plus
seven 32-bit instructions. It is upward compatible with other Cortex-M profile
processors.
2.1.2 NVIC
The Nested Vectored Interrupt Controller supports nested interrupts and 4 priority
levels for interrupts. In the NVIC, each source in the IPR registers contains two bits. It
also differs in number of interrupt sources and supports 32 interrupt vectors.
The Cortex-M family uses a number of methods to improve interrupt latency to up to
15 clock cycles for Cortex-M0+. It also can be used to wake the MCU core from Wait
and VLPW modes.
2.1.3 AWIC
The asynchronous wake-up interrupt controller (AWIC) is used to detect
asynchronous wake-up events in Stop mode and signal to clock control logic to
resume system clocking. After clock restarts, the NVIC observes the pending interrupt
and performs the normal interrupt or event processing. The AWIC can be used to
wake MCU core from Stop and VLPS modes.
Wake-up sources are listed as below:
Table 2. AWIC stop wake-up sources
Wake-up source
Description
Available system resets
RESET pin when LPO is its clock source
Low-voltage detect
Power management controller—functional in Stop mode
Low-voltage warning
Power management controller—functional in Stop mode
Pin interrupts
Port control module—any enabled pin interrupt is capable of waking the system
ADC
The ADC is functional when using internal clock source
CMP
Interrupt in normal or trigger mode
Table continues on the next page...
Overview
K32 L2A Microcontroller with 512 KB Flash and 128 KB SRAM, Rev. 3, 02/2021
7
NXP Semiconductors



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com