Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

K32L2AX Datasheet(PDF) 88 Page - NXP Semiconductors

Part # K32L2AX
Description  K32 L2A Microcontroller with 512 KB Flash and 128 KB SRAM
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

K32L2AX Datasheet(HTML) 88 Page - NXP Semiconductors

Back Button K32L2AX Datasheet HTML 84Page - NXP Semiconductors K32L2AX Datasheet HTML 85Page - NXP Semiconductors K32L2AX Datasheet HTML 86Page - NXP Semiconductors K32L2AX Datasheet HTML 87Page - NXP Semiconductors K32L2AX Datasheet HTML 88Page - NXP Semiconductors K32L2AX Datasheet HTML 89Page - NXP Semiconductors K32L2AX Datasheet HTML 90Page - NXP Semiconductors K32L2AX Datasheet HTML 91Page - NXP Semiconductors K32L2AX Datasheet HTML 92Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 88 / 96 page
background image
When an external supervisor chip is connected to the RESET_b pin, a series
resistor must be used to avoid damaging the supervisor chip or the RESET_b pin,
as shown in the following figure. The series resistor value (RS below) must be in
the range of 100 Ω to 1 kΩ depending on the external reset chip drive strength. The
supervisor chip must have an active high, open-drain output.
5
5
4
4
3
3
2
2
1
1
D
D
C
C
B
B
A
A
EXTAL
XTAL
OSCILLATOR
EXTAL
XTAL
OSCILLATOR
EXTAL
XTAL
OSCILLATOR
EXTAL
XTAL
OSCILLATOR
EXTAL
XTAL
OSCILLATOR
EXTAL
XTAL
OSCILLATOR
MCU
ADCx
MCU
ADCx
MCU
RESET_b
MCU
NMI_b
MCU
RESET_b
Supervisor Chip
OUT
Active high,
open drain
RESET_b
SWD_DIO
SWD_CLK
Analog input
High voltage input
RESET_b
VDD
VDD
VDD
VDD
VDD
VDD
Drawing Title:
Size
Document Number
Rev
Date:
Sheet
of
Page Title:
ICAP Classification:
FCP:
FIUO:
PUBI:
SCH-XXXXX PDF: SPF-XXXXX
X
<Title>
C
Friday, February 06, 2015
<PageTitle>
1
1
___
___
X
Drawing Title:
Size
Document Number
Rev
Date:
Sheet
of
Page Title:
ICAP Classification:
FCP:
FIUO:
PUBI:
SCH-XXXXX PDF: SPF-XXXXX
X
<Title>
C
Friday, February 06, 2015
<PageTitle>
1
1
___
___
X
Drawing Title:
Size
Document Number
Rev
Date:
Sheet
of
Page Title:
ICAP Classification:
FCP:
FIUO:
PUBI:
SCH-XXXXX PDF: SPF-XXXXX
X
<Title>
C
Friday, February 06, 2015
<PageTitle>
1
1
___
___
X
R
1
2
0.1uF
R5
1
2
Cx
0.1uF
RESONATOR
1
3
Cy
Cx
CRYSTAL
2
1
J1
HDR_5X2
1
2
3
4
6
5
7
8
9
10
Cy
10k
10k
R4
CRYSTAL
2
1
0.1uF
10k
CRYSTAL
2
1
R1
1
2
R3
1
2
C
RESONATOR
1
3
R2
1
2
10k
10k
RF
1
2
RS
BAT54SW
1
2
RS
RS
C
RF
1
2
RS
1
2
RF
1
2
CRYSTAL
2
1
Figure 29. Reset signal connection to external reset chip
• NMI pin
Do not add a pull-down resistor or capacitor on the NMI_b pin, because a low level
on this pin will trigger non-maskable interrupt. When this pin is enabled as the NMI
function, an external pull-up resistor (10 kΩ) as shown in the following figure is
recommended for robustness.
If the NMI_b pin is used as an I/O pin, use the following two ways to disable NMI
function:
a. Define NMI interrupt handler in which NMI pin function is remapped to other
pin mux function
b. Disable NMI function by programming flash configuration byte at 0x40d for
FOPT, change FOPT[NMI_DIS] bit to zero. It will not take effect until next
reset.
Design considerations
88
K32 L2A Microcontroller with 512 KB Flash and 128 KB SRAM, Rev. 3, 02/2021
NXP Semiconductors



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com