Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

K32L2AX Datasheet(PDF) 8 Page - NXP Semiconductors

Part # K32L2AX
Description  K32 L2A Microcontroller with 512 KB Flash and 128 KB SRAM
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

K32L2AX Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button K32L2AX Datasheet HTML 4Page - NXP Semiconductors K32L2AX Datasheet HTML 5Page - NXP Semiconductors K32L2AX Datasheet HTML 6Page - NXP Semiconductors K32L2AX Datasheet HTML 7Page - NXP Semiconductors K32L2AX Datasheet HTML 8Page - NXP Semiconductors K32L2AX Datasheet HTML 9Page - NXP Semiconductors K32L2AX Datasheet HTML 10Page - NXP Semiconductors K32L2AX Datasheet HTML 11Page - NXP Semiconductors K32L2AX Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 96 page
background image
Table 2. AWIC stop wake-up sources (continued)
Wake-up source
Description
LPI2C
Any enabled interrupt can be a source as long as the module remains clocked
LPUART
Any enabled interrupt can be a source as long as the module remains clocked
RTC
Alarm or seconds interrupt
TSI
Any enabled interrupt can be a source as long as the module remains clocked
NMI
NMI_b pin
TPM
Any enabled interrupt can be a source as long as the module remains clocked
LPTMR
Any enabled interrupt can be a source as long as the module remains clocked
LPSPI
Any enabled interrupt can be a source as long as the module remains clocked
LPIT
Any enabled interrupt can be a source as long as the module remains clocked
FlexIO
Any enabled interrupt can be a source as long as the module remains clocked
USB
Wake-up
2.1.4 Memory
This device has the following features:
• 128 KB SRAM that can be accessed by bus masters through the cross-bar switch.
• Peripherals (LPUART, LPI2C, LPSPI , USB) supported by the ROM Bootloader.
The program flash memory contains a 16-byte flash configuration field that stores
default protection settings and security information. The page size of program flash
is 1 KB.
The protection setting can protect 32 regions of the program flash memory from
unintended erase or program operations.
The security circuitry prevents unauthorized access to RAM or flash contents from
debug port.
• System register file
This device contains a 32-byte register file that is powered in all power modes.
Also, it retains contents during low-voltage detect (LVD) events and is only reset
during a power-on reset.
2.1.5 Reset and boot
The following table lists all the reset sources supported by this device.
Overview
8
K32 L2A Microcontroller with 512 KB Flash and 128 KB SRAM, Rev. 3, 02/2021
NXP Semiconductors



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com