Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

K32L2AX Datasheet(PDF) 94 Page - NXP Semiconductors

Part # K32L2AX
Description  K32 L2A Microcontroller with 512 KB Flash and 128 KB SRAM
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

K32L2AX Datasheet(HTML) 94 Page - NXP Semiconductors

Back Button K32L2AX Datasheet HTML 88Page - NXP Semiconductors K32L2AX Datasheet HTML 89Page - NXP Semiconductors K32L2AX Datasheet HTML 90Page - NXP Semiconductors K32L2AX Datasheet HTML 91Page - NXP Semiconductors K32L2AX Datasheet HTML 92Page - NXP Semiconductors K32L2AX Datasheet HTML 93Page - NXP Semiconductors K32L2AX Datasheet HTML 94Page - NXP Semiconductors K32L2AX Datasheet HTML 95Page - NXP Semiconductors K32L2AX Datasheet HTML 96Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 94 / 96 page
background image
K32L2A41VLL1A
11 Revision History
The following table provides a revision history for this document.
Table 56. Revision History
Rev. No.
Date
Substantial Changes
0
08/2019
Initial release
1
12/2019
• In the features section:
• Under clocks, updated SIRC to "2/8 MHz slow internal reference clock (SIRC)".
• Removed "Bluetooth, Wi-Fi connectivity".
• Added a new bullet stating "USB FS OTG controller, capable of USB host or
device operation".
• In the Fields section:
• Updated Special Feature values.
• Removed "T=Tray" from packaging type.
2
01/2020
• Added section Dimensions.
• In section Pinouts and Packaging, the default values of PTA1, PTA2, and PTA4/
LLWU_P3 updated to TSI0_CH2, TSI0_CH3, and NMI0_b respectively.
3
02/2021
• In section Fast IRC (FIRC) specifications :
• In the Open loop total deviation of FIRC frequency at low voltage
(VDD=1.71V-1.89V) over full temperature specification, maximum regulator
disable value updated to ±1.5.
• In the Open loop total deviation of FIRC frequency at high voltage
(VDD=1.89V-3.6V) over full temperature specification, maximum value updated
to ±1.5.
• Added footnote stating "For temperatures -40 to 85 °C, the maximum value is
±1%, characterized on a few samples of different slots. This value is not
guaranteed by production.".
• Updated "Freescale" to "NXP" throughout the document.
• In section 16-bit ADC operating conditions, updated the link of the ADC calculator tool
in the table footnotes.
• In section Software considerations, updated "Kinetis Design Studio IDE" to
"MCUXpresso Integrated Development Environment (IDE)". The associated link is
also updated.
Revision History
94
K32 L2A Microcontroller with 512 KB Flash and 128 KB SRAM, Rev. 3, 02/2021
NXP Semiconductors



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com