Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

K32L2AX Datasheet(PDF) 55 Page - NXP Semiconductors

Part # K32L2AX
Description  K32 L2A Microcontroller with 512 KB Flash and 128 KB SRAM
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

K32L2AX Datasheet(HTML) 55 Page - NXP Semiconductors

Back Button K32L2AX Datasheet HTML 51Page - NXP Semiconductors K32L2AX Datasheet HTML 52Page - NXP Semiconductors K32L2AX Datasheet HTML 53Page - NXP Semiconductors K32L2AX Datasheet HTML 54Page - NXP Semiconductors K32L2AX Datasheet HTML 55Page - NXP Semiconductors K32L2AX Datasheet HTML 56Page - NXP Semiconductors K32L2AX Datasheet HTML 57Page - NXP Semiconductors K32L2AX Datasheet HTML 58Page - NXP Semiconductors K32L2AX Datasheet HTML 59Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 96 page
background image
8.3.1.1 Fast IRC (FIRC) specifications
Table 25. Fast IRC (FIRC) specifications
Symbol
Description
Min.
Typ.
Max.
Unit
Notes
Vdd_firc
Supply voltage
1.71
—
3.6
V
Ffirc_target
IRC target frequency (nominal)
Trim range = 00
Trim range = 01
Trim range = 10
Trim range = 11
—
48
52
56
60
—
MHz
1
Δffirc_ol_lv Open loop total deviation of FIRC frequency at low
voltage (VDD=1.71V-1.89V) over full temperature
• Regulator disable
(SCG_FIRCCSR[FIRCREGOFF]=1)
• Regulator enable
(SCG_FIRCCSR[FIRCREGOFF]=0)
—
±0.5
±0.5
±1.5
±1.5
%Ffirc_targ
et
2
Δffirc_ol_hv Open loop total deviation of FIRC frequency at high
voltage (VDD=1.89V-3.6V) over full temperature
Regulator enable
(SCG_FIRCCSR[FIRCREGOFF]=0)
—
±0.5
±1.5
%Ffirc_targ
et
2, 3
Δffirc_cl
Fine Trim Resolution
—
—
± 0.1
%Ffirc_targ
et
Jcyc_firc
Period Jitter (RMS)
—
35
150
ps
Tst_firc
Startup time
—
2
3
μs
4
Idd_firc
Current consumption:
• 48 MHz
• 52 MHz
• 56 MHz
• 60 MHz
—
—
—
—
350
360
380
400
400
420
460
500
μA
1. FIRC trim range is programmable via SCG_FIRCCFG[RANGE].
2. For temperatures -40 to 85 °C, the maximum value is ±1%, characterized on a few samples of different slots. This
value is not guaranteed by production.
3. Closed loop operation of the FIRC is only usable for USB device operation; it is not usable for USB host operation. It is
enabled by configuring for USB Device, selecting FIRC as USB clock source, and enabling the clock recover function
(USBn_CLK_RECOVER_CTRL[CLOCK_RECOVER_EN]=1, SCG_FIRCCSR[FIRCREGOFF]=0).
4. FIRC startup time is defined as the time between clock enablement and clock availability for system use.
8.3.1.2 Slow IRC (SIRC) specifications
Table 26. Slow IRC specifications
Symbol
Description
Min.
Typ.
Max.
Unit
Notes
IDD_sirc2M
Supply current in 2 MHz mode
—
14
17
μA
Table continues on the next page...
Peripheral operating requirements and behaviors
K32 L2A Microcontroller with 512 KB Flash and 128 KB SRAM, Rev. 3, 02/2021
55
NXP Semiconductors



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com