Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

K32L2AX Datasheet(PDF) 23 Page - NXP Semiconductors

Part # K32L2AX
Description  K32 L2A Microcontroller with 512 KB Flash and 128 KB SRAM
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

K32L2AX Datasheet(HTML) 23 Page - NXP Semiconductors

Back Button K32L2AX Datasheet HTML 19Page - NXP Semiconductors K32L2AX Datasheet HTML 20Page - NXP Semiconductors K32L2AX Datasheet HTML 21Page - NXP Semiconductors K32L2AX Datasheet HTML 22Page - NXP Semiconductors K32L2AX Datasheet HTML 23Page - NXP Semiconductors K32L2AX Datasheet HTML 24Page - NXP Semiconductors K32L2AX Datasheet HTML 25Page - NXP Semiconductors K32L2AX Datasheet HTML 26Page - NXP Semiconductors K32L2AX Datasheet HTML 27Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 96 page
background image
The module can remain functional in VLPS mode provided the clock it is using
remains enabled.
2.2.16 Peripheral Clock Control (PCC)
The device deploys two Peripheral Clock Control modules that allow clock gating,
and clock source selection to each peripheral. Each AIPS bridge has its own
corresponding PCC module. In addition to this clock, there are optional peripheral
clock sources that may be asynchronous to the CPU/Platform clock: SCGIRCLK,
SCGFIRCLK, SCGPCLK, SCGFCLK, LPO, OSCCLK, SCGSPCLK.
2.2.17 Real Time Clock (RTC)
The RTC module features include:
• 32-bit seconds counter with roll-over protection and 32-bit alarm
• 16-bit prescaler with compensation that can correct errors between 0.12 ppm and
3906 ppm
• Option to increment prescaler using the LPO (prescaler increments by 32 every
clock edge)
• Register write protection
• Lock register requires POR or software reset to enable write access
• Configurable 1, 2, 4, 8, 16, 32, 64 or 128 Hz square wave output with optional
interrupt
The device has one secure RTC. The RTC module is accessed via AIPS0 peripheral
bridge.
2.2.18 Timer/PWM Module (TPM)
The TPM (Timer/PWM Module) is a 2- to 8-channel timer which supports input
capture, output compare, and the generation of PWM signals to control electric motor
and power management applications.
This device contains 3 low-power Timer/PWM modules (TPM), which can all be
functional in Stop/VLPS mode. In Stop/VLPS mode, the clock source is either
external or internal.
Overview
K32 L2A Microcontroller with 512 KB Flash and 128 KB SRAM, Rev. 3, 02/2021
23
NXP Semiconductors



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com