Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

K32L2AX Datasheet(PDF) 56 Page - NXP Semiconductors

Part # K32L2AX
Description  K32 L2A Microcontroller with 512 KB Flash and 128 KB SRAM
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

K32L2AX Datasheet(HTML) 56 Page - NXP Semiconductors

Back Button K32L2AX Datasheet HTML 52Page - NXP Semiconductors K32L2AX Datasheet HTML 53Page - NXP Semiconductors K32L2AX Datasheet HTML 54Page - NXP Semiconductors K32L2AX Datasheet HTML 55Page - NXP Semiconductors K32L2AX Datasheet HTML 56Page - NXP Semiconductors K32L2AX Datasheet HTML 57Page - NXP Semiconductors K32L2AX Datasheet HTML 58Page - NXP Semiconductors K32L2AX Datasheet HTML 59Page - NXP Semiconductors K32L2AX Datasheet HTML 60Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 96 page
background image
Table 26. Slow IRC specifications
(continued)
Symbol
Description
Min.
Typ.
Max.
Unit
Notes
IDD_sirc8M
Supply current in 8 MHz mode
—
25
35
μA
fsirc
Output frequency
—
2
—
MHz
1
—
8
—
Δfsirc
Total deviation of trimmed frequency over voltage
and temperature
• 0 to 105 °C
• -40 to 0 °C
—
—
—
—
±3
±4
%fsirc
2
Δfsirc_t
Total deviation of trimmed frequency over
temperature @VDD=3.3V
—
—
±3
%fsirc
2
Tsu_sirc
Startup time
—
—
12.5
μs
Jcyc_sirc
Period jitter (RMS)
• fsirc = 2 MHz
• fsirc = 8 Mhz
—
—
350
100
—
—
ps
3
1. Selection of output frequency for Slow IRC between 2 MHz and 8 MHz is controlled by SCG_ SIRCCFG[RANGE].
2. Maximum deviation occurs at cold temperature (-40 °C) and hot temperature (105 °C).
3. This specification was obtained using a NXP developed PCB. Jitter is dependent on the noise characteristics of each
PCB and results will vary.
8.3.1.3 System PLL specifications
Table 27. System PLL Specifications
Symbol
Description
Min.
Typ.
Max.
Unit
Notes
fpll_ref
PLL reference frequency range
8
—
16
MHz
fvcoclk_2x
VCO output frequency
180
—
288
MHz
fvcoclk
PLL output frequency
90
—
144
MHz
Ipll
PLL operating current — VCO @ 180 MHz (f osc_hi_2
= 10 MHz , f pll_ref = 10 MHz ,VDIV multiplier = 18)
—
1.1
—
mA
1
PLL operating current — VCO @ 288 MHz (f osc_hi_2
= 32 MHz , f pll_ref = 8 MHz ,VDIV multiplier = 36)
—
2.0
—
Jcyc_pll
PLL period jitter (RMS)
• fvco = 180 MHz
• fvco = 288 MHz
—
—
120
80
—
—
ps
2
Jacc_pll
PLL accumilated jitter over 1 μs (RMS)
• fvco = 180 MHz
• fvco = 288 MHz
—
—
600
300
—
—
ps
2
Dunl
Lock exit frequency tolerance
±4.47
—
±5.97
%
tpll_lock
Lock detector detection time
—
—
150 × 10-6
s
3
Peripheral operating requirements and behaviors
56
K32 L2A Microcontroller with 512 KB Flash and 128 KB SRAM, Rev. 3, 02/2021
NXP Semiconductors



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com