Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

K32L2AX Datasheet(PDF) 59 Page - NXP Semiconductors

Part # K32L2AX
Description  K32 L2A Microcontroller with 512 KB Flash and 128 KB SRAM
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

K32L2AX Datasheet(HTML) 59 Page - NXP Semiconductors

Back Button K32L2AX Datasheet HTML 55Page - NXP Semiconductors K32L2AX Datasheet HTML 56Page - NXP Semiconductors K32L2AX Datasheet HTML 57Page - NXP Semiconductors K32L2AX Datasheet HTML 58Page - NXP Semiconductors K32L2AX Datasheet HTML 59Page - NXP Semiconductors K32L2AX Datasheet HTML 60Page - NXP Semiconductors K32L2AX Datasheet HTML 61Page - NXP Semiconductors K32L2AX Datasheet HTML 62Page - NXP Semiconductors K32L2AX Datasheet HTML 63Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 96 page
background image
Table 29. Oscillator frequency specifications (continued)
Symbol
Description
Min.
Typ.
Max.
Unit
Notes
fosc_hi_2
Oscillator crystal or resonator frequency — high
frequency range
(SCG_SOSCCFG[RANGE]=11)
8
—
32
MHz
fec_extal
Input clock frequency (external clock mode)
—
—
48
MHz
1, 2
tdc_extal
Input clock duty cycle (external clock mode)
40
50
60
%
tcst
Crystal startup time — 32 kHz low-frequency,
low-power mode (HGO=0)
—
750
—
ms
3, 4, 5
Crystal startup time — 32 kHz low-frequency,
high-gain mode (HGO=1)
—
250
—
ms
Crystal startup time — 8 MHz medium
frequency (SCG_SOSCCFG[RANGE]=11), low-
power mode (HGO=0)
—
0.6
—
ms
Crystal startup time — 8 MHz medium
frequency (SCG_SOSCCFG[RANGE]=10),
high-gain mode (HGO=1)
—
1
—
ms
1. Other frequency limits may apply when external clock is being used as a reference for the PLL.
2. When transitioning to system PLL mode, restrict the frequency of the input clock so that, when it is divided by
PREDIV, it remains within the limits of the PLL reference input clock frequency.
3. Proper PC board layout procedures must be followed to achieve specifications.
4. Crystal startup time is defined as the time between the oscillator being enabled and the SCG_SOSCCSR[SOSCVLD]
being set.
5. Crystal startup time is dependent on external crystal and/or resonator and loading capacitance as well as series
resistance.
8.4 Memories and memory interfaces
8.4.1 Flash electrical specifications
This section describes the electrical characteristics of the flash memory module.
8.4.1.1 Flash timing specifications — program and erase
The following specifications represent the amount of time the internal charge pumps
are active and do not include command overhead.
Table 30. Flash program/erase timing specifications
Symbol
Description
Min.
Typ.
Max.
Unit
Notes
thvpgm4
Longword Program high-voltage time
—
7.5
18
μs
—
thversscr
Sector Erase high-voltage time
—
13
113
ms
1
Table continues on the next page...
Peripheral operating requirements and behaviors
K32 L2A Microcontroller with 512 KB Flash and 128 KB SRAM, Rev. 3, 02/2021
59
NXP Semiconductors



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com