Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

K32L2AX Datasheet(PDF) 51 Page - NXP Semiconductors

Part # K32L2AX
Description  K32 L2A Microcontroller with 512 KB Flash and 128 KB SRAM
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

K32L2AX Datasheet(HTML) 51 Page - NXP Semiconductors

Back Button K32L2AX Datasheet HTML 47Page - NXP Semiconductors K32L2AX Datasheet HTML 48Page - NXP Semiconductors K32L2AX Datasheet HTML 49Page - NXP Semiconductors K32L2AX Datasheet HTML 50Page - NXP Semiconductors K32L2AX Datasheet HTML 51Page - NXP Semiconductors K32L2AX Datasheet HTML 52Page - NXP Semiconductors K32L2AX Datasheet HTML 53Page - NXP Semiconductors K32L2AX Datasheet HTML 54Page - NXP Semiconductors K32L2AX Datasheet HTML 55Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 96 page
background image
Table 21. General switching specifications
Description
Min.
Max.
Unit
Notes
GPIO pin interrupt pulse width (digital glitch filter disabled)
— Synchronous path
1.5
—
Bus clock
cycles
1
GPIO pin interrupt pulse width (digital glitch filter disabled,
analog filter enabled) — Asynchronous path
100
—
ns
GPIO pin interrupt pulse width (digital glitch filter disabled,
analog filter disabled) — Asynchronous path
50
—
ns
External RESET and NMI pin interrupt pulse width —
Asynchronous path
100
—
ns
2
GPIO pin interrupt pulse width — Asynchronous path
16
—
ns
2
Port rise/fall time
Normal drive pins
• 2.7 ≤ VDD ≤ 3.6 V
• Fast slew rate
• Slow slew rate
• 1.71 ≤ VDD ≤ 2.7 V
• Fast slew rate
• Slow slew rate
—
—
—
—
3
10.5
4
17
ns
3
High drive pins
Normal/low drive enabled
• 2.7 ≤ VDD ≤ 3.6 V
• Fast slew rate
• Slow slew rate
• 1.71 ≤ VDD ≤ 2.7 V
• Fast slew rate
• Slow slew rate
High drive enabled
• 2.7 ≤ VDD ≤ 3.6 V
• Fast slew rate
• Slow slew rate
• 1.71 ≤ VDD ≤ 2.7 V
• Fast slew rate
• Slow slew rate
—
—
—
—
—
—
—
—
2.5
10.5
4
17
2
11
2.5
17
ns
4
Normal drive fast pins
• 2.7 ≤ VDD ≤ 3.6 V
• Fast slew rate
• Slow slew rate
• 1.71 ≤ VDD ≤ 2.7 V
• Fast slew rate
• Slow slew rate
—
—
—
—
0.5
10
0.75
19
ns
5
High drive fast pins
Normal/low drive enabled
• 2.7 ≤ VDD ≤ 3.6 V
—
0.5
ns
6
General
K32 L2A Microcontroller with 512 KB Flash and 128 KB SRAM, Rev. 3, 02/2021
51
NXP Semiconductors



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com