Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

K32L2AX Datasheet(PDF) 1 Page - NXP Semiconductors

Part # K32L2AX
Description  K32 L2A Microcontroller with 512 KB Flash and 128 KB SRAM
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

K32L2AX Datasheet(HTML) 1 Page - NXP Semiconductors

  K32L2AX Datasheet HTML 1Page - NXP Semiconductors K32L2AX Datasheet HTML 2Page - NXP Semiconductors K32L2AX Datasheet HTML 3Page - NXP Semiconductors K32L2AX Datasheet HTML 4Page - NXP Semiconductors K32L2AX Datasheet HTML 5Page - NXP Semiconductors K32L2AX Datasheet HTML 6Page - NXP Semiconductors K32L2AX Datasheet HTML 7Page - NXP Semiconductors K32L2AX Datasheet HTML 8Page - NXP Semiconductors K32L2AX Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 96 page
background image
K32 L2A Microcontroller with 512
KB Flash and 128 KB SRAM
72 MHz Cortex-M0+ based Microcontroller
Supports ultra-low-power Arm based microcontroller with crystal-
less USB feature, large flash and RAM, evolutionary low-power
peripherals and security features. This is an ideal solution for
Sensor Hub applications, Smart Energy, Internet of Things, and
Edge and Concentrator. This device offers:
• 128 KB SRAM for data processing and connectivity stack
• Ultra low dynamic and static power consumption with smart
peripherals for low power applications
• Advanced LPI2C and LPSPI supporting asynchronous
DMA master data transition
• FlexIO for flexible and high performance interfaces
• Crypto acceleration with AES/DES/3DES/MD5/SHA and
TRNG
• USB FS 2.0 device operation without need of external
crystal
• USB FS OTG controller, capable of USB host or device operation
Core
• Arm® Cortex®-M0+ cores up to 72 MHz in Normal
mode and 96 MHz in High Speed mode
Memories
• Up to 512 KB program flash memory
• 128 KB SRAM
• 32 KB ROM with built-in bootloader
System peripherals
• 8-channel DMA controller
• Independent clocked Watchdog
• Low-leakage wakeup unit
• SWD debug interface and Micro Trace Buffer
• Bit Manipulation Engine
• Memory Mapped Divide and Square Root module
(MMDVSQ)
• Cyclic Redundancy Check (CRC) module
• Nested Vector Interrupt Controller (NVIC) supports 32
interrupt vectors
• Additional peripheral interrupt support via Interrupt
Multiplexer (INTMUX)
Clocks
Communication interfaces
• Three 16-bit Low Power Serial Peripheral Interface
(LPSPI) modules
• One EMVSIM module supporting EMV version 4.3,
ISO7816
• Three LPUART modules
• Three LPI2C modules supporting up to 5 Mbit/s
• One FlexIO module emulating UART, SPI, camera
interface, and Motorola 68K/Intel 8080 bus
• USB FS 2.0 device operation without need of
external crystal
• USB FS OTG controller, capable of USB host or
device operation
Analog Modules
• 16-bit, 24-channel SAR ADC with internal voltage
reference
• Two High-speed analog comparators each
containing a 6-bit DAC and programmable reference
input
• One 12-bit DAC
• 1.2 V and 2.1 V voltage references (Vref)
Timers
• One 6-channel Timer/PWM module
K32L2A41VLL1A
K32L2A31VLL1A
K32L2A41VLH1A
K32L2A31VLH1A
100 LQFP
14x14 mm P 0.5 mm
64 LQFP
10x10 mm P 0.5 mm
NXP Semiconductors
K32L2Ax
Data Sheet: Technical Data
Rev. 3, 02/2021
NXP reserves the right to change the production detail specifications as may be
required to permit improvements in the design of its products.


Similar Part No. - K32L2AX

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
K32L2B11VFM0A NXP-K32L2B11VFM0A Datasheet
1Mb / 112P
K32 L2B Microcontroller
Revision 3, 09/2020
K32L2B11VFT0A NXP-K32L2B11VFT0A Datasheet
1Mb / 112P
K32 L2B Microcontroller
Revision 3, 09/2020
K32L2B11VLH0A NXP-K32L2B11VLH0A Datasheet
1Mb / 112P
K32 L2B Microcontroller
Revision 3, 09/2020
K32L2B11VMP0A NXP-K32L2B11VMP0A Datasheet
1Mb / 112P
K32 L2B Microcontroller
Revision 3, 09/2020
K32L2B11VXX0A NXP-K32L2B11VXX0A Datasheet
1Mb / 112P
K32 L2B Microcontroller
Revision 3, 09/2020
More results

Similar Description - K32L2AX

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
LPC122X NXP-LPC122X Datasheet
1Mb / 60P
32-bit ARM Cortex-M0 microcontroller; up to 128 kB flash and 8 kB SRAM
Rev. 1.1-21 February 2011
LPC1769 NXP-LPC1769_11 Datasheet
762Kb / 79P
32-bit ARM Cortex-M3 microcontroller; up to 512 kB flash and 64 kB SRAM with Ethernet
Rev. 7-5 April 2011
LPC122X_1108 NXP-LPC122X_1108 Datasheet
513Kb / 61P
32-bit ARM Cortex-M0 microcontroller; up to 128 kB flash and 8 kB SRAM
Rev. 2-26 August 2011
logo
Microchip Technology
PIC32MX5XX MICROCHIP-PIC32MX5XX_13 Datasheet
8Mb / 448P
32-bit Microcontrollers (up to 512 KB Flash and 128 KB SRAM) with Graphics Interface, USB, CAN, and Ethernet
11/29/12 2009-2013
PIC32MX330 MICROCHIP-PIC32MX330 Datasheet
12Mb / 344P
32-bit Microcontrollers (up to 512 KB Flash and 128 KB SRAM) with Audio/Graphics/Touch (HMI), USB, and Advanced Analog
11/29/12 2012-2013
logo
NXP Semiconductors
MKL82Z128VLK7 NXP-MKL82Z128VLK7 Datasheet
1Mb / 133P
72 MHz ARM짰 Cortex짰-M0 with 128 KB Flash and 96 KB SRAM
Rev. 3, 08/2016
MKL82Z128VMC7 NXP-MKL82Z128VMC7 Datasheet
1Mb / 133P
72 MHz ARM짰 Cortex짰-M0 with 128 KB Flash and 96 KB SRAM
Rev. 3, 08/2016
logo
Holtek Semiconductor In...
HT32F12365 HOLTEK-HT32F12365 Datasheet
1Mb / 56P
32-Bit Arm Cortex -M3 Microcontroller, up to 256 KB Flash and 128 KB SRAM
November 07, 2017
HT32F52243 HOLTEK-HT32F52243 Datasheet
6Mb / 44P
32-Bit Arm Cortex -M0 Microcontroller, up to 128 KB Flash and 16 KB SRAM
October 23, 2017
logo
NXP Semiconductors
MKL28Z512VXX7 NXP-MKL28Z512VXX7 Datasheet
1Mb / 83P
Kinetis KL28Zxxx with 512 KB Flash and 128 KB SRAM
Rev. 3, 09/2020
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com