Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

K32L2AX Datasheet(PDF) 41 Page - NXP Semiconductors

Part # K32L2AX
Description  K32 L2A Microcontroller with 512 KB Flash and 128 KB SRAM
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

K32L2AX Datasheet(HTML) 41 Page - NXP Semiconductors

Back Button K32L2AX Datasheet HTML 37Page - NXP Semiconductors K32L2AX Datasheet HTML 38Page - NXP Semiconductors K32L2AX Datasheet HTML 39Page - NXP Semiconductors K32L2AX Datasheet HTML 40Page - NXP Semiconductors K32L2AX Datasheet HTML 41Page - NXP Semiconductors K32L2AX Datasheet HTML 42Page - NXP Semiconductors K32L2AX Datasheet HTML 43Page - NXP Semiconductors K32L2AX Datasheet HTML 44Page - NXP Semiconductors K32L2AX Datasheet HTML 45Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 96 page
background image
Table 16. Power consumption operating behaviors (continued)
Symbol
Description
Min.
Typ.
Max.
Unit
Notes
IDD_RUN
Run mode current at 72 MHz - all
peripheral clocks disabled, code
executing from flash, while(1) loop
• at 1.8 V
• at 3.0 V
—
—
9.4
9.6
13.6
13.8
mA
mA
4
IDD_RUN
Run mode current at 48 Mhz - all
peripheral clocks disabled, code
executing from flash, while(1) loop
• at 1.8 V
• at 3.0 V
—
—
7.3
7.4
11.4
11.5
mA
mA
5
IDD_RUN
Run mode current at 72 MHz - all
peripheral clocks enabled, code
executing from flash, while(1) loop
• at 1.8 V
• at 3.0 V
—
—
11.6
11.7
15.9
16.0
mA
mA
6
IDD_RUN
Run mode current at 48 Mhz - all
peripheral clocks enabled, code
executing from flash, while(1) loop
• at 1.8 V
• at 3.0 V
—
—
8.9
9.1
13.1
13.3
mA
mA
7
IDD_WAIT
Wait mode high frequency current at 72
MHz, at 3.0 V - all peripheral clocks
disabled, while(1) loop
—
7.0
9.0
mA
4
IDD_WAIT
Wait mode current at 3.0 V at 48 Mhz —
all peripheral clocks disabled, while(1)
loop
—
5.7
10.4
mA
5
IDD_VLPR
Very-low-power run mode current at 3.0
V — all peripheral clocks enabled at 4
MHz, while(1) loop
—
483.7
1011.7
μA
8
IDD_VLPR
Very-low-power run mode current at 3.0
V — all peripheral clocks enabled at 8
MHz, while(1) loop
—
557.6
1720.2
μA
9
IDD_VLPR
Very-low-power run mode current at 3.0
V — all peripheral clocks disabled at 4
MHz, while(1) loop
—
400.3
926.5
μA
10
IDD_VLPR
Very-low-power run mode current at 3.0
V — all peripheral clocks disabled at 8
MHz, while(1) loop
—
415.2
941.1
μA
11
IDD_VLPW
Very-low-power wait mode current at
3.0 V — all peripheral clocks disabled at
4 MHz, while(1) loop
—
285.9
1145.6
μA
10
Table continues on the next page...
General
K32 L2A Microcontroller with 512 KB Flash and 128 KB SRAM, Rev. 3, 02/2021
41
NXP Semiconductors



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com