Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

K32L2AX Datasheet(PDF) 38 Page - NXP Semiconductors

Part # K32L2AX
Description  K32 L2A Microcontroller with 512 KB Flash and 128 KB SRAM
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

K32L2AX Datasheet(HTML) 38 Page - NXP Semiconductors

Back Button K32L2AX Datasheet HTML 34Page - NXP Semiconductors K32L2AX Datasheet HTML 35Page - NXP Semiconductors K32L2AX Datasheet HTML 36Page - NXP Semiconductors K32L2AX Datasheet HTML 37Page - NXP Semiconductors K32L2AX Datasheet HTML 38Page - NXP Semiconductors K32L2AX Datasheet HTML 39Page - NXP Semiconductors K32L2AX Datasheet HTML 40Page - NXP Semiconductors K32L2AX Datasheet HTML 41Page - NXP Semiconductors K32L2AX Datasheet HTML 42Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 96 page
background image
Table 13. VDD supply LVD, HVD, and POR operating requirements (continued)
Symbol
Description
Min.
Typ.
Max.
Unit
Notes
VHVDL
High voltage detect threshold — low range
(HVDV=0) — Rising
3.4
3.5
3.6
V
2
High voltage detect threshold — low range
(HVDV=0) — Falling
3.35
3.45
3.55
VHVDH
High voltage detect threshold — high range
(HVDV=1) — Rising
3.65
3.75
3.85
V
2
High voltage detect threshold — high range
(HVDV=1) — Falling
3.6
3.7
3.8
VHYSH
High voltage detect hysteresis — low range
(HVDV=0)
—
50
—
mV
—
High voltage detect hysteresis — high range
(HVDV=1)
—
50
—
1. Rising thresholds are falling threshold + hysteresis voltage
2. The selection of high voltage detect trip voltage is controlled by PMC_HVDSC1[HVDV].
7.2.3 Voltage and current operating behaviors
Table 14. Voltage and current operating behaviors
Symbol
Description
Min.
Typ.
Max.
Unit
Notes
VOH
Output high voltage — Normal drive pad
• 2.7 V ≤ VDD ≤ 3.6 V, IOH = –5 mA
• 1.71 V ≤ VDD ≤ 2.7 V, IOH = –2.5 mA
VDD – 0.5
VDD – 0.5
—
—
V
V
1
VOH
Output high voltage — High drive pad
• 2.7 V ≤ VDD ≤ 3.6 V, IOH = –20 mA
• 1.71 V ≤ VDD ≤ 2.7 V, IOH = –10 mA
VDD – 0.5
VDD – 0.5
—
—
V
V
1
IOHT
Output high current total for all ports
—
100
mA
VOL
Output low voltage — Normal drive pad
• 2.7 V ≤ VDD ≤ 3.6 V, IOL = 5 mA
• 1.71 V ≤ VDD ≤ 2.7 V, IOL = 2.5 mA
—
—
0.5
0.5
V
V
1
VOL
Output low voltage — High drive pad
• 2.7 V ≤ VDD ≤ 3.6 V, IOL = 20 mA
• 1.71 V ≤ VDD ≤ 2.7 V, IOL = 10 mA
—
—
0.5
0.5
V
V
1
IOLT
Output low current total for all ports
—
100
mA
IIN
Input leakage current (per pin) for full
temperature range
—
1
μA
2
IIN
Input leakage current (per pin) at 25 °C
—
0.025
μA
2
Table continues on the next page...
General
38
K32 L2A Microcontroller with 512 KB Flash and 128 KB SRAM, Rev. 3, 02/2021
NXP Semiconductors



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com