Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

K32L2AX Datasheet(PDF) 6 Page - NXP Semiconductors

Part # K32L2AX
Description  K32 L2A Microcontroller with 512 KB Flash and 128 KB SRAM
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

K32L2AX Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button K32L2AX Datasheet HTML 2Page - NXP Semiconductors K32L2AX Datasheet HTML 3Page - NXP Semiconductors K32L2AX Datasheet HTML 4Page - NXP Semiconductors K32L2AX Datasheet HTML 5Page - NXP Semiconductors K32L2AX Datasheet HTML 6Page - NXP Semiconductors K32L2AX Datasheet HTML 7Page - NXP Semiconductors K32L2AX Datasheet HTML 8Page - NXP Semiconductors K32L2AX Datasheet HTML 9Page - NXP Semiconductors K32L2AX Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 96 page
background image
GPIO
TSI
I2C
UART
SPI
WDOG
Reset
Timer
Timer
Clocks/
Oscillators
Cortex-M0+
Platform
CTI
Core
DMA
Requests
DMAMux
0
•••
System
Interrupts
IO Port
SWD
ADC
Inputs
DAC
Outputs
Reference
Inputs
Port D
Port A
Port B
Port C
EMVSIM
VREF
DAC0
LPO1K
PLL
CMP0
XTAL
OSC
ANALOG
SCG
SIRC
FIRC
Temp
Monitor
ADC0
CMP1
SWD-DP
MCM
CAU
DVSQ
MTB
DWT
FlexIO
8/16-bit
Parallel I/F
PortD
EMVSIM
PortC
PortB
PortA
SRAM
128KB
ROM
32KB
FTFA
NVIC
SYSTICK
Cortex-M0+
MPU
DBG
AWIC
Core Memory-
Mapped Module
Other Module such
as test/analog
Bus Components
Platform Domain
Analog Domain
Memory protection
Gaskets
DAP
sec
exsc
S
CM0+ Platform
AHB32
AIPS0 IPBUS
AIPS1 IPBUS
LEGEND:
DMA0
8-channel
AIPS0
FLASH 1
256KB
FLASH 0
256KB
FMC
AIPS1
MDM-AP
AHB-AP0
s2
m1
m0
s1
s0
m2
s3
AXBS
USB
Port E
PortE
USB0
M0+ DBG
TPM
2
LPUART
2
PMC
CRC
LPTMR
0
LPSPI
2
WDOG
0
SCG
SRTC
LPIT
0
SIM
LLWU
RCM
RGPIO
LPI2C
2
TSI0
I2C
UART
SPI
Timer
TPM
0/1
LPSPI
0/1
LPUART
0/1
LPI2C
0/1
FlexIO0
Reference
Synchronizer
TRNG
MSCM
USB
SRAM
CTI
USB
USBVREG
0
TSTMR
Timer
AHB
0
PCC
PCC
TRG
MUX
TRG
MUX
SMC
LPTMR
1
Timer
Figure 1. Block diagram
2.1 System features
Overview
6
K32 L2A Microcontroller with 512 KB Flash and 128 KB SRAM, Rev. 3, 02/2021
NXP Semiconductors



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com