Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

K32L2AX Datasheet(PDF) 40 Page - NXP Semiconductors

Part # K32L2AX
Description  K32 L2A Microcontroller with 512 KB Flash and 128 KB SRAM
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

K32L2AX Datasheet(HTML) 40 Page - NXP Semiconductors

Back Button K32L2AX Datasheet HTML 36Page - NXP Semiconductors K32L2AX Datasheet HTML 37Page - NXP Semiconductors K32L2AX Datasheet HTML 38Page - NXP Semiconductors K32L2AX Datasheet HTML 39Page - NXP Semiconductors K32L2AX Datasheet HTML 40Page - NXP Semiconductors K32L2AX Datasheet HTML 41Page - NXP Semiconductors K32L2AX Datasheet HTML 42Page - NXP Semiconductors K32L2AX Datasheet HTML 43Page - NXP Semiconductors K32L2AX Datasheet HTML 44Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 96 page
background image
Table 15. Power mode transition operating behaviors (continued)
Symbol
Description
Min.
Typ.
Max.
Unit
Notes
• VLPS → RUN
—
5.5
6.1
μs
• STOP → RUN
—
5.5
6.1
μs
1. Normal boot (FTFA_FOPT[LPBOOT]=11).
7.2.5 Power consumption operating behaviors
NOTE
The values in the following table are based on
characterization data with a few samples.
NOTE
The actual power consumption measured in the related
condition, with certain peripherals running, is the sum of
related low power current consumption of the device listed in
Table 16 and the related low power mode peripheral adders in
Table 17.
NOTE
The maximum values represent characterized results
equivalent to the mean plus three times the standard deviation
(mean + 3
σ).
Table 16. Power consumption operating behaviors
Symbol
Description
Min.
Typ.
Max.
Unit
Notes
IDDA
Analog supply current
—
—
See note
mA
1
IDD_HSRUN High speed run mode current at 96 MHz
- all peripheral clocks disabled, code
executing from flash, while(1) loop
• at 1.8 V
• at 3.0 V
—
—
12.6
12.8
17.4
17.6
mA
mA
2
IDD_HSRUN High speed run mode current at 96 MHz
- all peripheral clocks enabled, code
executing from flash, while(1) loop
• at 1.8 V
• at 3.0 V
—
—
15.5
15.7
20.4
20.6
mA
mA
3
Table continues on the next page...
General
40
K32 L2A Microcontroller with 512 KB Flash and 128 KB SRAM, Rev. 3, 02/2021
NXP Semiconductors



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com