Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

K32L2AX Datasheet(PDF) 74 Page - NXP Semiconductors

Part # K32L2AX
Description  K32 L2A Microcontroller with 512 KB Flash and 128 KB SRAM
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

K32L2AX Datasheet(HTML) 74 Page - NXP Semiconductors

Back Button K32L2AX Datasheet HTML 70Page - NXP Semiconductors K32L2AX Datasheet HTML 71Page - NXP Semiconductors K32L2AX Datasheet HTML 72Page - NXP Semiconductors K32L2AX Datasheet HTML 73Page - NXP Semiconductors K32L2AX Datasheet HTML 74Page - NXP Semiconductors K32L2AX Datasheet HTML 75Page - NXP Semiconductors K32L2AX Datasheet HTML 76Page - NXP Semiconductors K32L2AX Datasheet HTML 77Page - NXP Semiconductors K32L2AX Datasheet HTML 78Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 96 page
background image
The following table defines the general timing requirements for the EMV SIM
interface.
Table 43. Timing Specifications, High Drive Strength
ID
Parameter
Symbol
Min
Max
Unit
SI
1
EMV SIM clock frequency (EMVSIMn_CLK)1
Sfreq
1
5
MHz
SI
2
EMV SIM clock rise time (EMVSIMn_CLK)2
Srise
—
0.08 × (1/Sfreq)
ns
SI
3
EMV SIM clock fall time (EMVSIMn_CLK)2
Sfall
—
0.08 × (1/Sfreq)
ns
SI
4
EMV SIM input transition time (EMVSIMn_IO,
EMVSIMn_PD)
Stran
20
25
ns
Si
5
EMV SIM I/O rise time / fall time (EMVSIMn_IO)3
Tr/Tf
—
0.8
μs
Si
6
EMV SIM RST rise time / fall time (EMVSIMn_RST)4
Tr/Tf
—
0.8
μs
1. 50% duty cycle clock,
2. With C = 50 pF
3. With Cin = 30 pF, Cout = 30 pF,
4. With Cin = 30 pF,
8.8.1.1 EMV SIM Reset Sequences
Smart cards may have internal reset, or active low reset. The following subset describes
the reset sequences in these two cases.
8.8.1.1.1 Smart Cards with Internal Reset
Following figure shows the reset sequence for Smart cards with internal reset. The reset
sequence comprises the following steps:
• After power-up, the clock signal is enabled on EMVSIMn_CLK (time T0)
• After 200 clock cycles, EMVSIMn_IO must be asserted.
• The card must send a response on EMVSIMn_IO acknowledging the reset between
400–40000 clock cycles after T0.
Peripheral operating requirements and behaviors
74
K32 L2A Microcontroller with 512 KB Flash and 128 KB SRAM, Rev. 3, 02/2021
NXP Semiconductors



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com