Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

K32L2AX Datasheet(PDF) 64 Page - NXP Semiconductors

Part # K32L2AX
Description  K32 L2A Microcontroller with 512 KB Flash and 128 KB SRAM
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

K32L2AX Datasheet(HTML) 64 Page - NXP Semiconductors

Back Button K32L2AX Datasheet HTML 60Page - NXP Semiconductors K32L2AX Datasheet HTML 61Page - NXP Semiconductors K32L2AX Datasheet HTML 62Page - NXP Semiconductors K32L2AX Datasheet HTML 63Page - NXP Semiconductors K32L2AX Datasheet HTML 64Page - NXP Semiconductors K32L2AX Datasheet HTML 65Page - NXP Semiconductors K32L2AX Datasheet HTML 66Page - NXP Semiconductors K32L2AX Datasheet HTML 67Page - NXP Semiconductors K32L2AX Datasheet HTML 68Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 96 page
background image
Table 35. 16-bit ADC characteristics (VREFH = VDDA, VREFL = VSSA) (continued)
Symbol Description
Conditions1
Min.
Typ.2
Max.
Unit
Notes
• <12-bit modes
—
±0.5
–0.7 to
+0.5
EFS
Full-scale error
• 12-bit modes
• <12-bit modes
—
—
–4
–1.4
–5.4
–1.8
LSB4
VADIN = VDDA5
EQ
Quantization error
• 16-bit modes
• ≤13-bit modes
—
—
–1 to 0
—
—
±0.5
LSB4
ENOB
Effective number of
bits
16-bit differential mode
• Avg = 32
• Avg = 4
16-bit single-ended mode
• Avg = 32
• Avg = 4
12.8
11.9
12.2
11.4
14.5
13.8
13.9
13.1
—
—
—
—
bits
bits
bits
bits
6
SINAD
Signal-to-noise plus
distortion
See ENOB
6.02 × ENOB + 1.76
dB
THD
Total harmonic
distortion
16-bit differential mode
• Avg = 32
16-bit single-ended mode
• Avg = 32
—
—
-94
-85
—
—
dB
dB
7
SFDR
Spurious free
dynamic range
16-bit differential mode
• Avg = 32
16-bit single-ended mode
• Avg = 32
82
78
95
90
—
—
dB
dB
7
EIL
Input leakage error
IIn × RAS
mV
IIn = leakage
current
(refer to the
MCU's
voltage and
current
operating
ratings)
Temp sensor slope
Across the full temperature
range of the device
1.55
1.62
1.69
mV/°C
8
VTEMP25 Temp sensor
voltage
25 °C
706
716
726
mV
8
1. All accuracy numbers assume the ADC is calibrated with VREFH = VDDA
2. Typical values assume VDDA = 3.0 V, Temp = 25 °C, fADCK = 2.0 MHz unless otherwise stated. Typical values are for
reference only and are not tested in production.
Peripheral operating requirements and behaviors
64
K32 L2A Microcontroller with 512 KB Flash and 128 KB SRAM, Rev. 3, 02/2021
NXP Semiconductors



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com