Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

K32L2AX Datasheet(PDF) 52 Page - NXP Semiconductors

Part # K32L2AX
Description  K32 L2A Microcontroller with 512 KB Flash and 128 KB SRAM
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

K32L2AX Datasheet(HTML) 52 Page - NXP Semiconductors

Back Button K32L2AX Datasheet HTML 48Page - NXP Semiconductors K32L2AX Datasheet HTML 49Page - NXP Semiconductors K32L2AX Datasheet HTML 50Page - NXP Semiconductors K32L2AX Datasheet HTML 51Page - NXP Semiconductors K32L2AX Datasheet HTML 52Page - NXP Semiconductors K32L2AX Datasheet HTML 53Page - NXP Semiconductors K32L2AX Datasheet HTML 54Page - NXP Semiconductors K32L2AX Datasheet HTML 55Page - NXP Semiconductors K32L2AX Datasheet HTML 56Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 96 page
background image
Table 21. General switching specifications
Description
Min.
Max.
Unit
Notes
• Fast slew rate
• Slow slew rate
• 1.71 ≤ VDD ≤ 2.7 V
• Fast slew rate
• Slow slew rate
High drive enabled
• 2.7 ≤ VDD ≤ 3.6 V
• Fast slew rate
• Slow slew rate
• 1.71 ≤ VDD ≤ 2.7 V
• Fast slew rate
• Slow slew rate
—
—
—
—
—
—
—
11
1
19
2
13
4
21
1. The synchronous and asynchronous timing must be met.
2. This is the shortest pulse that is guaranteed to be recognized.
3. For high drive pins with high drive enabled, load is 75pF; other pins load (normal/low drive) is 25pF. Fast slew rate is
enabled by clearing PORTx_PCRn[SRE].
4. High drive pins are PTB0,PTB1, PTC3, and PTC4. High drive capability is enabled by setting PORTx_PCRn[DSE].
5. Normal drive fast pins are PTE20, PTE21, PTE22, and PTE23.
6. High drive fast pins are PTD4, PTD5, PTD6, and PTD7. High drive capability is enabled by setting PORTx_PCRn[DSE].
NOTE
Only PTA4, PTA20, and PTB19 pins have analog/passive
filter.
7.4 Thermal specifications
7.4.1 Thermal operating requirements
Table 22. Thermal operating requirements
Symbol
Description
Min.
Max.
Unit
Notes
TJ
Die junction temperature
–40
125
°C
TA
Ambient temperature
–40
105
°C
1
1. Maximum TA can be exceeded only if the user ensures that TJ does not exceed the maximum. The simplest method to
determine TJ is: TJ = TA + RθJA × chip power dissipation.
General
52
K32 L2A Microcontroller with 512 KB Flash and 128 KB SRAM, Rev. 3, 02/2021
NXP Semiconductors



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com