Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

K32L2AX Datasheet(PDF) 46 Page - NXP Semiconductors

Part # K32L2AX
Description  K32 L2A Microcontroller with 512 KB Flash and 128 KB SRAM
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

K32L2AX Datasheet(HTML) 46 Page - NXP Semiconductors

Back Button K32L2AX Datasheet HTML 42Page - NXP Semiconductors K32L2AX Datasheet HTML 43Page - NXP Semiconductors K32L2AX Datasheet HTML 44Page - NXP Semiconductors K32L2AX Datasheet HTML 45Page - NXP Semiconductors K32L2AX Datasheet HTML 46Page - NXP Semiconductors K32L2AX Datasheet HTML 47Page - NXP Semiconductors K32L2AX Datasheet HTML 48Page - NXP Semiconductors K32L2AX Datasheet HTML 49Page - NXP Semiconductors K32L2AX Datasheet HTML 50Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 96 page
background image
Table 17. Low power mode peripheral adders — typical value (continued)
Symbol
Description
Temperature (°C)
Unit
-40
25
50
70
85
105
• Slow IRC clock from SCG (8 MHz
internal reference clock)
• OSCERCLK (8 MHz external
crystal)
ILPI2C
LPI2C peripheral adder measured by
placing the device in VLPS mode with
selected clock source, LPI2C is
configured as master, and bit rate is
400 Kbps. Includes selected clock
source power consumption.
• Slow IRC clock from SCG (8 MHz
internal reference clock)
• OSCERCLK (8 MHz external
crystal)
69.7
582.9
66.7
597.9
66.9
610.8
67.6
623.8
68.2
637.0
68.2
660.2
µA
IBG
Bandgap adder when BGEN bit is set
and device is placed in VLPS mode.
• Bandgap buffer disabled
• Bandgap buffer enabled
96.8
137.5
95.4
129.6
96.4
133.0
98.2
135.5
98.2
136.9
98.5
139.6
µA
IADC
ADC peripheral adder combining the
measured values at VDD and VDDA by
placing the device in STOP mode. ADC
is configured for low power mode using
the ADC asynchronous clock (ADACK)
and continuous conversions.
372.9
380.5
384.0
388.3
392.2
394.6
µA
IWDOG
WDOG peripheral adder measured by
placing the device in STOP mode,
WDOG is configured to time out at 1
second. Includes selected clock source
power consumption.
• Slow IRC clock from SCG (8 MHz
internal reference clock)
• OSCERCLK (8 MHz external
crystal)
• LPO (internal 1 kHz Lower Power
Oscillator)
68.8
11.2
56.0
68.5
10.1
57.1
69.2
10.1
58.6
69.9
10.2
58.5
71.7
10.5
58.6
72.6
10.7
60.0
µA
ISIRC_8MHz
SIRC adder when SIRC is configured to
8 MHz. Measured by entering VLPS
mode with 8 MHz IRC enabled, and
SIRCDIV1, SIRCDIV2, SIRCDIV3 =000.
67.2
63.0
63.3
63.2
63.3
63.6
µA
ISIRC_2MHz
SIRC adder when SIRC is configured to
2 MHz. Measured by entering STOP or
VLPS mode with 2 MHz IRC enabled,
and SIRCDIV1, SIRCDIV2, SIRCDIV3
=000.
22.3
21.2
21.4
21.5
21.7
21.4
µA
General
46
K32 L2A Microcontroller with 512 KB Flash and 128 KB SRAM, Rev. 3, 02/2021
NXP Semiconductors



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com