Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

K32L2AX Datasheet(PDF) 60 Page - NXP Semiconductors

Part # K32L2AX
Description  K32 L2A Microcontroller with 512 KB Flash and 128 KB SRAM
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

K32L2AX Datasheet(HTML) 60 Page - NXP Semiconductors

Back Button K32L2AX Datasheet HTML 56Page - NXP Semiconductors K32L2AX Datasheet HTML 57Page - NXP Semiconductors K32L2AX Datasheet HTML 58Page - NXP Semiconductors K32L2AX Datasheet HTML 59Page - NXP Semiconductors K32L2AX Datasheet HTML 60Page - NXP Semiconductors K32L2AX Datasheet HTML 61Page - NXP Semiconductors K32L2AX Datasheet HTML 62Page - NXP Semiconductors K32L2AX Datasheet HTML 63Page - NXP Semiconductors K32L2AX Datasheet HTML 64Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 96 page
background image
Table 30. Flash program/erase timing specifications (continued)
Symbol
Description
Min.
Typ.
Max.
Unit
Notes
thversblk128k Erase Block high-voltage time for 128 KB
—
52
452
ms
1
thversall
Erase All high-voltage time
—
104
904
ms
1
1. Maximum time based on expectations at cycling end-of-life.
8.4.1.2 Flash timing specifications — commands
Table 31. Flash command timing specifications
Symbol
Description
Min.
Typ.
Max.
Unit
Notes
trd1blk128k
Read 1s Block execution time
• 128 KB program flash
—
—
1.7
ms
1
trd1sec1k
Read 1s Section execution time (flash sector)
—
—
60
μs
1
tpgmchk
Program Check execution time
—
—
45
μs
1
trdrsrc
Read Resource execution time
—
—
30
μs
1
tpgm4
Program Longword execution time
—
65
145
μs
—
tersblk128k
Erase Flash Block execution time
• 128 KB program flash
—
88
600
ms
2
tersscr
Erase Flash Sector execution time
—
14
114
ms
2
trd1all
Read 1s All Blocks execution time
—
—
1.8
ms
1
trdonce
Read Once execution time
—
—
25
μs
1
tpgmonce
Program Once execution time
—
65
—
μs
—
tersall
Erase All Blocks execution time
—
175
1300
ms
2
tvfykey
Verify Backdoor Access Key execution time
—
—
30
μs
1
1. Assumes 25 MHz flash clock frequency.
2. Maximum times for erase parameters based on expectations at cycling end-of-life.
8.4.1.3 Flash high voltage current behaviors
Table 32. Flash high voltage current behaviors
Symbol
Description
Min.
Typ.
Max.
Unit
IDD_PGM
Average current adder during high voltage
flash programming operation
—
2.5
6.0
mA
IDD_ERS
Average current adder during high voltage
flash erase operation
—
1.5
4.0
mA
Peripheral operating requirements and behaviors
60
K32 L2A Microcontroller with 512 KB Flash and 128 KB SRAM, Rev. 3, 02/2021
NXP Semiconductors



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com