Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

K32L2AX Datasheet(PDF) 45 Page - NXP Semiconductors

Part # K32L2AX
Description  K32 L2A Microcontroller with 512 KB Flash and 128 KB SRAM
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

K32L2AX Datasheet(HTML) 45 Page - NXP Semiconductors

Back Button K32L2AX Datasheet HTML 41Page - NXP Semiconductors K32L2AX Datasheet HTML 42Page - NXP Semiconductors K32L2AX Datasheet HTML 43Page - NXP Semiconductors K32L2AX Datasheet HTML 44Page - NXP Semiconductors K32L2AX Datasheet HTML 45Page - NXP Semiconductors K32L2AX Datasheet HTML 46Page - NXP Semiconductors K32L2AX Datasheet HTML 47Page - NXP Semiconductors K32L2AX Datasheet HTML 48Page - NXP Semiconductors K32L2AX Datasheet HTML 49Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 96 page
background image
Table 17. Low power mode peripheral adders — typical value (continued)
Symbol
Description
Temperature (°C)
Unit
-40
25
50
70
85
105
• LLS3
• VLPS
• STOP
472.4
528.0
635.2
534.1
776.9
636.6
425.6
9600
1500
20300
2800
40900
ILPTMR
LPTMR peripheral adder measured by
placing the device in VLLS1 mode with
LPTMR enabled using LPO clock.
151.0
7.7
21.8
7.6
174.0
31.0
nA
ICMP
CMP peripheral adder measured by
placing the device in VLLS1 mode with
CMP enabled using the 6-bit DAC and a
single external input for compare.
Includes 6-bit DAC power consumption.
18.8
19.6
19.9
20.0
20.4
20.5
µA
IRTC
RTC peripheral adder measured by
placing the device in VLLS1 mode and
the RTC ALARM set for 1 minute.
Includes selected clock source power
consumption.
• OSC32KCLK (32KHz external
crystal)
• LPO (internal 1K Hz Low Power
Oscillator)
116.0
35.0
1400
1400
1400
1400
1500
1600
1500
1400
120.0
120.0
nA
ILPUART
LPUART peripheral adder measured by
placing the device in STOP mode with
selected clock source waiting for RX
data at 115200 baud rate. Includes
selected clock source power
consumption.
• Slow IRC clock from SCG (8 MHz
internal reference clock)
• OSCERCLK (8 MHz external
crystal)
85.7
41.2
89.4
43.5
87.3
38.7
88.4
36.8
85.3
39.6
86.6
37.0
µA
ILPSPI
LPSPI peripheral adder measured by
placing the device in VLPS mode with
selected clock source, LPSPI is
configured as master mode with bit rate
of 4 Mbps. Includes selected clock
source power consumption.
• Slow IRC clock from SCG (8 MHz
internal reference clock)
• OSCERCLK (8 MHz external
crystal)
69.4
431.9
66.7
489.9
65.9
503.5
66.1
518.6
65.8
533.0
66.0
557.0
µA
ITPM
TPM peripheral adder measured by
placing the device in STOP mode with
selected clock source configured for
output compare generating 100 Hz
clock signal. No load is placed on the
I/O generating the clock signal. Includes
selected clock source and I/O switching
currents.
80.7
35.5
84.2
37.2
84.2
37.3
84.4
37.1
84.8
37.7
86.3
37.7
µA
Table continues on the next page...
General
K32 L2A Microcontroller with 512 KB Flash and 128 KB SRAM, Rev. 3, 02/2021
45
NXP Semiconductors



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com