Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

K32L2AX Datasheet(PDF) 27 Page - NXP Semiconductors

Part # K32L2AX
Description  K32 L2A Microcontroller with 512 KB Flash and 128 KB SRAM
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

K32L2AX Datasheet(HTML) 27 Page - NXP Semiconductors

Back Button K32L2AX Datasheet HTML 23Page - NXP Semiconductors K32L2AX Datasheet HTML 24Page - NXP Semiconductors K32L2AX Datasheet HTML 25Page - NXP Semiconductors K32L2AX Datasheet HTML 26Page - NXP Semiconductors K32L2AX Datasheet HTML 27Page - NXP Semiconductors K32L2AX Datasheet HTML 28Page - NXP Semiconductors K32L2AX Datasheet HTML 29Page - NXP Semiconductors K32L2AX Datasheet HTML 30Page - NXP Semiconductors K32L2AX Datasheet HTML 31Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 96 page
background image
Pinouts and Packaging
4.1 Signal Multiplexing and Pin Assignments
The following table shows the signals available on each pin and the locations of these
pins on the devices supported by this document. The Port Control Module is
responsible for selecting which ALT function is available on each pin.
NOTE
• A pull-up resistor (typically 4.7 KΩ) must be connected
to the EMVSIM0_IO pin if this pin is configured as
EMV SIM function.
• PTB0/1, PTC3/4, PTD4/5/6/7 have both high drive and
normal/low drive capability. PTD4, PTD5, PTD6,
PTD7, PTE20, PTE21, PTE22, PTE23 are also fast pins.
When a high bit rate is required on the communication
interface pins, it is recommended to use fast pins. In
case of high bus loading, the high drive strength of high
drive pins must be enabled by setting the corresponding
PORTx_PCRn[DSE] bit.
• RESET_b pin is open drain with internal pullup device
and passive analog filter when configured as RESET pin
(default state after POR). When this pin is configured to
other shared functions, the passive analog filter is
disabled.
• NMI0_b pin has pullup device enabled and passive
analog filter disabled after POR.
• SWD_DIO pin has pullup device enabled after POR.
SWD_CLK has pulldown device enabled after POR.
100
LQFP
64
LQFP
Pin Name
Default
ALT0
ALT1
ALT2
ALT3
ALT4
ALT5
ALT6
ALT7
1
1
PTE0
ADC0_SE16
ADC0_SE16
PTE0/
RTC_CLKOUT
LPSPI1_SIN
LPUART1_TX
CMP0_OUT
LPI2C1_SDA
2
2
PTE1/
LLWU_P0
ADC0_SE17
ADC0_SE17
PTE1/
LLWU_P0
LPSPI1_
SOUT
LPUART1_RX
LPI2C1_SCL
3
—
PTE2/
LLWU_P1
ADC0_SE18
ADC0_SE18
PTE2/
LLWU_P1
LPSPI1_SCK
LPUART1_
CTS_b
LPI2C1_SDAS
4
—
PTE3
ADC0_SE19
ADC0_SE19
PTE3
LPSPI1_SIN
LPUART1_
RTS_b
LPI2C1_SCLS
4
Pinouts and Packaging
K32 L2A Microcontroller with 512 KB Flash and 128 KB SRAM, Rev. 3, 02/2021
27
NXP Semiconductors



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com