Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

K32L2AX Datasheet(PDF) 24 Page - NXP Semiconductors

Part # K32L2AX
Description  K32 L2A Microcontroller with 512 KB Flash and 128 KB SRAM
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

K32L2AX Datasheet(HTML) 24 Page - NXP Semiconductors

Back Button K32L2AX Datasheet HTML 20Page - NXP Semiconductors K32L2AX Datasheet HTML 21Page - NXP Semiconductors K32L2AX Datasheet HTML 22Page - NXP Semiconductors K32L2AX Datasheet HTML 23Page - NXP Semiconductors K32L2AX Datasheet HTML 24Page - NXP Semiconductors K32L2AX Datasheet HTML 25Page - NXP Semiconductors K32L2AX Datasheet HTML 26Page - NXP Semiconductors K32L2AX Datasheet HTML 27Page - NXP Semiconductors K32L2AX Datasheet HTML 28Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 96 page
background image
2.2.19 Touch Sensing Input (TSI)
The TSI module provides capacitive touch sensing detection with high sensitivity and
enhanced robustness.
This device includes one TSI module containing the channels as shown in the following
table. In Stop, VLPS, LLS, and VLLSx modes, any one channel can be enabled to be
the wake-up source. TSI hardware trigger is from the LPTMR0.
2.2.20 Universal Serial Bus (USB) FS
The USB FS subsystem includes these components:
• Dual-role USB OTG-capable (On-The-Go) controller that supports a full-speed
(FS) device or FS/LS host. The module complies with the USB 2.0 specification.
• USB transceiver that includes internal 15 kΩ pulldowns on the D+ and D- lines for
host mode functionality and a 1.5 kΩ pullup on the D+ line for device mode
functionality.
• A 3.3 V regulator.
• Status detection and wakeup functions for USB data pins, VBUS pin, and OTG ID
pin.
• IRC48 with clock recovery block to eliminate the 48MHz crystal. This is available
for USB device mode only.
NOTE
USB OTG is not functional in VLPx, VLLSx, and any Stop
modes.
NOTE
For the USB FS OTG controller to operate, the minimum
system clock frequency is 20 MHz.
2.2.21 Voltage Reference (VREF)
The VREF can be used in applications to provide a reference voltage to external
devices, or used internally in the device as a reference to analog peripherals (such as the
ADC, DAC, or CMP). The Voltage Reference (VREF) can supply an accurate voltage
output that can be trimmed in 0.5 mV steps (for 1.2 V output) or 1.5 mV steps (for 2.1
V output). The voltage reference has 3 operating modes that provide different levels of
supply rejection and power consumption.
Overview
24
K32 L2A Microcontroller with 512 KB Flash and 128 KB SRAM, Rev. 3, 02/2021
NXP Semiconductors



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com