Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

K32L2AX Datasheet(PDF) 89 Page - NXP Semiconductors

Part # K32L2AX
Description  K32 L2A Microcontroller with 512 KB Flash and 128 KB SRAM
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

K32L2AX Datasheet(HTML) 89 Page - NXP Semiconductors

Back Button K32L2AX Datasheet HTML 85Page - NXP Semiconductors K32L2AX Datasheet HTML 86Page - NXP Semiconductors K32L2AX Datasheet HTML 87Page - NXP Semiconductors K32L2AX Datasheet HTML 88Page - NXP Semiconductors K32L2AX Datasheet HTML 89Page - NXP Semiconductors K32L2AX Datasheet HTML 90Page - NXP Semiconductors K32L2AX Datasheet HTML 91Page - NXP Semiconductors K32L2AX Datasheet HTML 92Page - NXP Semiconductors K32L2AX Datasheet HTML 93Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 89 / 96 page
background image
5
5
4
4
3
3
2
2
1
1
D
D
C
C
B
B
A
A
EXTAL
XTAL
OSCILLATOR
EXTAL
XTAL
OSCILLATOR
EXTAL
XTAL
OSCILLATOR
EXTAL
XTAL
OSCILLATOR
EXTAL
XTAL
OSCILLATOR
EXTAL
XTAL
OSCILLATOR
MCU
ADCx
MCU
ADCx
MCU
RESET_b
MCU
NMI_b
MCU
RESET_b
Supervisor Chip
OUT
Active high,
open drain
RESET_b
SWD_DIO
SWD_CLK
Analog input
High voltage input
RESET_b
VDD
VDD
VDD
VDD
VDD
VDD
Drawing Title:
Size
Document Number
Rev
Date:
Sheet
of
Page Title:
ICAP Classification:
FCP:
FIUO:
PUBI:
SCH-XXXXX PDF: SPF-XXXXX
X
<Title>
C
Friday, February 06, 2015
<PageTitle>
1
1
___
___
X
Drawing Title:
Size
Document Number
Rev
Date:
Sheet
of
Page Title:
ICAP Classification:
FCP:
FIUO:
PUBI:
SCH-XXXXX PDF: SPF-XXXXX
X
<Title>
C
Friday, February 06, 2015
<PageTitle>
1
1
___
___
X
Drawing Title:
Size
Document Number
Rev
Date:
Sheet
of
Page Title:
ICAP Classification:
FCP:
FIUO:
PUBI:
SCH-XXXXX PDF: SPF-XXXXX
X
<Title>
C
Friday, February 06, 2015
<PageTitle>
1
1
___
___
X
R
1
2
0.1uF
R5
1
2
Cx
0.1uF
RESONATOR
1
3
Cy
Cx
CRYSTAL
2
1
J1
HDR_5X2
1
2
3
4
6
5
7
8
9
10
Cy
10k
10k
R4
CRYSTAL
2
1
0.1uF
10k
CRYSTAL
2
1
R1
1
2
R3
1
2
C
RESONATOR
1
3
R2
1
2
10k
10k
RF
1
2
RS
BAT54SW
1
2
RS
RS
C
RF
1
2
RS
1
2
RF
1
2
CRYSTAL
2
1
Figure 30. NMI pin biasing
• Debug interface
This MCU uses the standard Arm SWD interface protocol as shown in the
following figure. While pull-up or pull-down resistors are not required
(SWD_DIO has an internal pull-up and SWD_CLK has an internal pull-down),
external 10 kΩ pull resistors are recommended for system robustness. The
RESET_b pin recommendations mentioned above must also be considered.
5
5
4
4
3
3
2
2
1
1
D
D
C
C
B
B
A
A
EXTAL
XTAL
OSCILLATOR
EXTAL
XTAL
OSCILLATOR
EXTAL
XTAL
OSCILLATOR
EXTAL
XTAL
OSCILLATOR
EXTAL
XTAL
OSCILLATOR
EXTAL
XTAL
OSCILLATOR
MCU
ADCx
MCU
ADCx
MCU
RESET_b
MCU
NMI_b
MCU
RESET_b
Supervisor Chip
OUT
Active high,
open drain
RESET_b
SWD_DIO
SWD_CLK
Analog input
High voltage input
RESET_b
VDD
VDD
VDD
VDD
VDD
VDD
Drawing Title:
Size
Document Number
Rev
Date:
Sheet
of
Page Title:
ICAP Classification:
FCP:
FIUO:
PUBI:
SCH-XXXXX PDF: SPF-XXXXX
X
<Title>
C
Friday, February 06, 2015
<PageTitle>
1
1
___
___
X
Drawing Title:
Size
Document Number
Rev
Date:
Sheet
of
Page Title:
ICAP Classification:
FCP:
FIUO:
PUBI:
SCH-XXXXX PDF: SPF-XXXXX
X
<Title>
C
Friday, February 06, 2015
<PageTitle>
1
1
___
___
X
Drawing Title:
Size
Document Number
Rev
Date:
Sheet
of
Page Title:
ICAP Classification:
FCP:
FIUO:
PUBI:
SCH-XXXXX PDF: SPF-XXXXX
X
<Title>
C
Friday, February 06, 2015
<PageTitle>
1
1
___
___
X
R
1
2
0.1uF
R5
1
2
Cx
0.1uF
RESONATOR
1
3
Cy
Cx
CRYSTAL
2
1
J1
HDR_5X2
1
2
3
4
6
5
7
8
9
10
Cy
10k
10k
R4
CRYSTAL
2
1
0.1uF
10k
CRYSTAL
2
1
R1
1
2
R3
1
2
C
RESONATOR
1
3
R2
1
2
10k
10k
RF
1
2
RS
BAT54SW
1
2
RS
RS
C
RF
1
2
RS
1
2
RF
1
2
CRYSTAL
2
1
Figure 31. SWD debug interface
• Low leakage stop mode wakeup
Select low leakage wakeup pins (LLWU_Px) to wake the MCU from one of the
low leakage stop modes (LLS/VLLSx). See K32 L2A Signal Multiplexing and
Pin Assignments chapter for pin selection.
• Unused pin
Unused GPIO pins must be left floating (no electrical connections) with the MUX
field of the pin’s PORTx_PCRn register equal to 000. This disables the digital
input path to the MCU.
Design considerations
K32 L2A Microcontroller with 512 KB Flash and 128 KB SRAM, Rev. 3, 02/2021
89
NXP Semiconductors



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com