Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

K32L2AX Datasheet(PDF) 90 Page - NXP Semiconductors

Part # K32L2AX
Description  K32 L2A Microcontroller with 512 KB Flash and 128 KB SRAM
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

K32L2AX Datasheet(HTML) 90 Page - NXP Semiconductors

Back Button K32L2AX Datasheet HTML 86Page - NXP Semiconductors K32L2AX Datasheet HTML 87Page - NXP Semiconductors K32L2AX Datasheet HTML 88Page - NXP Semiconductors K32L2AX Datasheet HTML 89Page - NXP Semiconductors K32L2AX Datasheet HTML 90Page - NXP Semiconductors K32L2AX Datasheet HTML 91Page - NXP Semiconductors K32L2AX Datasheet HTML 92Page - NXP Semiconductors K32L2AX Datasheet HTML 93Page - NXP Semiconductors K32L2AX Datasheet HTML 94Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 90 / 96 page
background image
If the USB module is not used, leave the USB data pins (USB0_DP, USB0_DM)
floating.
• EMVSIM
When using EMVSIM, a typical 4.7 KΩ pull up resistor should be added on the
EMVSIM_IO pin.
5
5
4
4
3
3
2
2
1
1
D
D
C
C
B
B
A
A
EXTAL
XTAL
OSCILLATOR
EXTAL
XTAL
OSCILLATOR
EXTAL
XTAL
OSCILLATOR
EXTAL
XTAL
OSCILLATOR
EXTAL
XTAL
OSCILLATOR
EXTAL
XTAL
OSCILLATOR
MCU
ADCx
MCU
ADCx
MCU
RESET_b
MCU
NMI_b
MCU
RESET_b
Supervisor Chip
OUT
Active high,
open drain
Analog input
High voltage input
RESET_b
VDD
VDD
VDD
VDD
Drawing Title:
Size
Document Number
Rev
Date:
Sheet
of
Page Title:
ICAP Classification:
FCP:
FIUO:
PUBI:
SCH-XXXXX PDF: SPF-XXXXX
X
<Title>
C
Friday, February 06, 2015
<PageTitle>
1
1
___
___
X
Drawing Title:
Size
Document Number
Rev
Date:
Sheet
of
Page Title:
ICAP Classification:
FCP:
FIUO:
PUBI:
SCH-XXXXX PDF: SPF-XXXXX
X
<Title>
C
Friday, February 06, 2015
<PageTitle>
1
1
___
___
X
Drawing Title:
Size
Document Number
Rev
Date:
Sheet
of
Page Title:
ICAP Classification:
FCP:
FIUO:
PUBI:
SCH-XXXXX PDF: SPF-XXXXX
X
<Title>
C
Friday, February 06, 2015
<PageTitle>
1
1
___
___
X
R
1
2
0.1uF
R5
1
2
Cx
RESONATOR
1
3
Cy
Cx
CRYSTAL
2
1
Cy
10k
R4
CRYSTAL
2
1
0.1uF
CRYSTAL
2
1
R1
1
2
R3
1
2
C
RESONATOR
1
3
R2
1
2
10k
10k
RF
1
2
RS
BAT54SW
1
2
RS
RS
C
RF
1
2
RS
1
2
RF
1
2
CRYSTAL
2
1
P3V3
1
2
3
4
5
HDR TH 1X7
JP1
6
7
GND
PTC14
PTC15
PTC16
PTC17
PTC18
EMVSIM_CLK
R103
4.7K
EMVSIM_RST
EMVSIM_IO
EMVSIM_VCCEN
EMVSIM_PD
EMVSIM HEADER
Figure 32. EMVSIM interface
• Pull up resistor for getting correct power consumption result
Connect the pull up resistor to VDD_MCU for the pins like RESET and NMI. For
other pull up resistor, do not use VDD_MCU.
9.1.5 Crystal oscillator
When using an external crystal or ceramic resonator as the frequency reference for the
MCU clock system, refer to the following table and diagrams.
The feedback resistor, RF, is incorporated internally with the low power oscillators. An
external feedback is required when using high gain (HGO=1) mode. In harsh EMC
environment, it is recommended to use high gain mode. For low frequency (32 to 40
kHz), switching between high gain and low power is not supported.
The series resistor, RS, is used to limit current to external crystal or resonator to avoid
overdrive, and is required in high gain (HGO=1) mode when the crystal or resonator
frequency is below 2 MHz. The low power oscillator (HGO=0) must not have any
series resistor RS.
Internal load capacitors (Cx, Cy) are provided in the low frequency (32.786kHz) mode.
Use the SCxP bits in the SCG_SOSCCFG register to adjust the load capacitance for the
crystal. Typically, values of 10 pf to 16 pF are sufficient for 32.768 kHz crystals that
have a 12.5 pF CL specification. The internal load capacitor selection must not be used
for high frequency crystals and resonators. See crystal or resonator manufacturer's
recommendation for parameters about load capacitance and RF.
Design considerations
90
K32 L2A Microcontroller with 512 KB Flash and 128 KB SRAM, Rev. 3, 02/2021
NXP Semiconductors



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com