Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

K32L2AX Datasheet(PDF) 76 Page - NXP Semiconductors

Part # K32L2AX
Description  K32 L2A Microcontroller with 512 KB Flash and 128 KB SRAM
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

K32L2AX Datasheet(HTML) 76 Page - NXP Semiconductors

Back Button K32L2AX Datasheet HTML 72Page - NXP Semiconductors K32L2AX Datasheet HTML 73Page - NXP Semiconductors K32L2AX Datasheet HTML 74Page - NXP Semiconductors K32L2AX Datasheet HTML 75Page - NXP Semiconductors K32L2AX Datasheet HTML 76Page - NXP Semiconductors K32L2AX Datasheet HTML 77Page - NXP Semiconductors K32L2AX Datasheet HTML 78Page - NXP Semiconductors K32L2AX Datasheet HTML 79Page - NXP Semiconductors K32L2AX Datasheet HTML 80Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 96 page
background image
EMVSIMn_VCCEN
EMVSIMn_CLK
EMVSIMn_IO
2
T0
1
RESPONSE
EMVSIMn_RST
T1
3
3
Figure 20. Active-Low-Reset Smart Card Reset Sequence
The following table defines the general timing requirements for the EMVSIM
interface..
Table 45. Timing Specifications, Internal Reset Card Reset Sequence
Ref No
Min
Max
Units
1
—
200
EMVSIMx_CLK clock cycles
2
400
40,000
EMVSIMx_CLK clock cycles
3
40,000
—
EMVSIMx_CLK clock cycles
8.8.1.2 EMVSIM Power-Down Sequence
Following figure shows the EMV SIM interface power-down AC timing diagram.Table
46 table shows the timing requirements for parameters (SI7–SI10) shown in the figure.
The power-down sequence for the EMV SIM interface is as follows:
• EMVSIMn_SIMPD port detects the removal of the Smart Card
• EMVSIMn_RST is negated
• EMVSIMn_CLK is negated
• EMVSIM_IO is negated
• EMVSIMx_VCCENy is negated
Each of the above steps requires one OSC32KCLK period (usually 32 kHz, also known
as rtcclk in below figure). Power-down may be initiated by a Smart card removal
detection; or it may be launched by the processor.
Peripheral operating requirements and behaviors
76
K32 L2A Microcontroller with 512 KB Flash and 128 KB SRAM, Rev. 3, 02/2021
NXP Semiconductors



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com