Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

K32L2AX Datasheet(PDF) 20 Page - NXP Semiconductors

Part # K32L2AX
Description  K32 L2A Microcontroller with 512 KB Flash and 128 KB SRAM
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

K32L2AX Datasheet(HTML) 20 Page - NXP Semiconductors

Back Button K32L2AX Datasheet HTML 16Page - NXP Semiconductors K32L2AX Datasheet HTML 17Page - NXP Semiconductors K32L2AX Datasheet HTML 18Page - NXP Semiconductors K32L2AX Datasheet HTML 19Page - NXP Semiconductors K32L2AX Datasheet HTML 20Page - NXP Semiconductors K32L2AX Datasheet HTML 21Page - NXP Semiconductors K32L2AX Datasheet HTML 22Page - NXP Semiconductors K32L2AX Datasheet HTML 23Page - NXP Semiconductors K32L2AX Datasheet HTML 24Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 96 page
background image
2.2.5 Comparator (CMP)
The device includes two high-speed comparators each with two 8-input multiplexers for
both the inverting and non-inverting inputs of the comparator. Each CMP input channel
connects to both muxes. Two of the channels are connected to internal sources, leaving
resources to support up to 6 input pins. See the channel assignment table for a summary
of CMP input connections for this device.
The CMPs also include one 6-bit DAC with a 64-tap resistor ladder network, which
provides a selectable voltage reference for applications where voltage reference is
needed for an internal connection to the CMP.
The CMPs can be optionally on in all modes except VLLS0.
2.2.6 12-bit DAC
The 12-bit digital-to-analog converter (DAC) is a low-power, general-purpose DAC.
The output of the DAC can be placed on an external pin or set as one of the inputs to
the analog comparator, op-amps, or ADC.
This device contains one 12-bit digital-to-analog converter (DAC) with programmable
reference generator output. The DAC includes a 16-word FIFO for DMA support.
2.2.7 Direct Memory Access Multiplexer (DMAMUX)
DMAMUX0 is a DMA request mux that allows up to 63 DMA request signals to be
mapped to any of the 8 DMA channels of DMA0. Because of the mux, there is no hard
correlation between any of the DMA request sources and a specific DMA channel.
Some of the modules support asynchronous DMA operation.
2.2.8 EMVSIM
The EMVSIM (Euro/Mastercard/Visa/SIM Serial Interface Module) is a standalone ISO
7816 module that is connected to the AIPS0 Peripheral Bridge. The EMVSIM module’s
clock source is the CPU/platform clock.
Overview
20
K32 L2A Microcontroller with 512 KB Flash and 128 KB SRAM, Rev. 3, 02/2021
NXP Semiconductors



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com