Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

K32L2AX Datasheet(PDF) 87 Page - NXP Semiconductors

Part # K32L2AX
Description  K32 L2A Microcontroller with 512 KB Flash and 128 KB SRAM
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

K32L2AX Datasheet(HTML) 87 Page - NXP Semiconductors

Back Button K32L2AX Datasheet HTML 83Page - NXP Semiconductors K32L2AX Datasheet HTML 84Page - NXP Semiconductors K32L2AX Datasheet HTML 85Page - NXP Semiconductors K32L2AX Datasheet HTML 86Page - NXP Semiconductors K32L2AX Datasheet HTML 87Page - NXP Semiconductors K32L2AX Datasheet HTML 88Page - NXP Semiconductors K32L2AX Datasheet HTML 89Page - NXP Semiconductors K32L2AX Datasheet HTML 90Page - NXP Semiconductors K32L2AX Datasheet HTML 91Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 87 / 96 page
background image
PTB0, PTB1, PTC3, PTC4, PTD4, PTD5, PTD6 and PTD7 I/O have both high
drive and normal drive capability selected by the associated PTx_PCRn[DSE]
control bit. All other GPIOs are normal drive only. When in high drive mode, the
sink/source current for a high drive pin can reach 20 mA. However, the total
current flowing into the MCU VDD must not exceed maximum limit of IDD.
• Fast pins
PTE20, PTE21, PTE22, PTE23, PTD4, PTD5, PTD6, PTD7 can support fast slew
rate of 0.5 ns and are used for high speed communications. It is set/cleared by
PTx_PCRn[SRE].
• Default I/O state
Most of digital pins are disabled (in high impedance state) after power up, so a
pull-up/down is needed to a determined level for some applications. Please refer
to the Signal Multiplexing and Pin Assignments chapter to know the default IO
state for a dedicate pin.
• RESET_b pin
The RESET_b pin is an open-drain I/O pin that has an internal pullup resistor. An
external RC circuit is recommended to filter noise as shown in the following
figure. The resistor value must be in the range of 4.7 kΩ to 10 kΩ; the
recommended capacitance value is 0.1 μF. The RESET_b pin also has a selectable
digital filter to reject spurious noise.
5
5
4
4
3
3
2
2
1
1
D
D
C
C
B
B
A
A
EXTAL
XTAL
OSCILLATOR
EXTAL
XTAL
OSCILLATOR
EXTAL
XTAL
OSCILLATOR
EXTAL
XTAL
OSCILLATOR
EXTAL
XTAL
OSCILLATOR
EXTAL
XTAL
OSCILLATOR
MCU
ADCx
MCU
ADCx
MCU
RESET_b
MCU
NMI_b
MCU
RESET_b
Supervisor Chip
OUT
Active high,
open drain
RESET_b
SWD_DIO
SWD_CLK
Analog input
High voltage input
RESET_b
VDD
VDD
VDD
VDD
VDD
VDD
Drawing Title:
Size
Document Number
Rev
Date:
Sheet
of
Page Title:
ICAP Classification:
FCP:
FIUO:
PUBI:
SCH-XXXXX PDF: SPF-XXXXX
X
<Title>
C
Friday, February 06, 2015
<PageTitle>
1
1
___
___
X
Drawing Title:
Size
Document Number
Rev
Date:
Sheet
of
Page Title:
ICAP Classification:
FCP:
FIUO:
PUBI:
SCH-XXXXX PDF: SPF-XXXXX
X
<Title>
C
Friday, February 06, 2015
<PageTitle>
1
1
___
___
X
Drawing Title:
Size
Document Number
Rev
Date:
Sheet
of
Page Title:
ICAP Classification:
FCP:
FIUO:
PUBI:
SCH-XXXXX PDF: SPF-XXXXX
X
<Title>
C
Friday, February 06, 2015
<PageTitle>
1
1
___
___
X
R
1
2
0.1uF
R5
1
2
Cx
0.1uF
RESONATOR
1
3
Cy
Cx
CRYSTAL
2
1
J1
HDR_5X2
1
2
3
4
6
5
7
8
9
10
Cy
10k
10k
R4
CRYSTAL
2
1
0.1uF
10k
CRYSTAL
2
1
R1
1
2
R3
1
2
C
RESONATOR
1
3
R2
1
2
10k
10k
RF
1
2
RS
BAT54SW
1
2
RS
RS
C
RF
1
2
RS
1
2
RF
1
2
CRYSTAL
2
1
Figure 28. Reset circuit
Design considerations
K32 L2A Microcontroller with 512 KB Flash and 128 KB SRAM, Rev. 3, 02/2021
87
NXP Semiconductors



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com