Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

K32L2AX Datasheet(PDF) 16 Page - NXP Semiconductors

Part # K32L2AX
Description  K32 L2A Microcontroller with 512 KB Flash and 128 KB SRAM
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

K32L2AX Datasheet(HTML) 16 Page - NXP Semiconductors

Back Button K32L2AX Datasheet HTML 12Page - NXP Semiconductors K32L2AX Datasheet HTML 13Page - NXP Semiconductors K32L2AX Datasheet HTML 14Page - NXP Semiconductors K32L2AX Datasheet HTML 15Page - NXP Semiconductors K32L2AX Datasheet HTML 16Page - NXP Semiconductors K32L2AX Datasheet HTML 17Page - NXP Semiconductors K32L2AX Datasheet HTML 18Page - NXP Semiconductors K32L2AX Datasheet HTML 19Page - NXP Semiconductors K32L2AX Datasheet HTML 20Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 96 page
background image
Table 5. Chip power modes (continued)
Chip mode
Description
Core mode
Normal
recovery
method
scenario where the system does not fully
exit stop mode on an LLS recovery
• 64 KB SRAM retained, internal logic and I/O states are
retained.
VLLS3 (Very
Low-Leakage
Stop3)
• Most peripherals are disabled (with clocks stopped), but OSC,
LLWU, LPTMR, RTC, CMP, TSI can be used.
• NVIC is disabled; LLWU is used to wake up.
• SRAM_U and SRAM_L remain powered on (content retained
and I/O states held).
Sleep Deep
Wake-up
Reset-1
VLLS2 (Very
Low-Leakage
Stop2)
• Most peripherals are disabled (with clocks stopped), but OSC,
LLWU, LPTMR, RTC, CMP, TSI can be used.
• NVIC is disabled; LLWU is used to wake up.
• 64K of SRAM_U remains powered on (content retained and I/O
states held).
Sleep Deep
Wake-up
Reset-1
VLLS1 (Very
Low-Leakage
Stop1)
• Most peripherals are disabled (with clocks stopped), but OSC,
LLWU, LPTMR, RTC, CMP, TSI can be used.
• NVIC is disabled; LLWU is used to wake up.
• All of SRAM_U and SRAM_L are powered off.
• The 32-byte system register file remains powered for customer-
critical data
• The 16-byte system register file remains powered for customer-
critical data
Sleep Deep
Wake-up
Reset-1
VLLS0 (Very
Low-Leakage
Stop 0)
• Most peripherals are disabled (with clocks stopped), but LLWU,
LPTMR, RTC, TSI can be used.
• NVIC is disabled; LLWU is used to wake up.
• All of SRAM_U and SRAM_L are powered off.
• The 32-byte system register file remains powered for customer-
critical data
• The 16-byte system register file remains powered for customer-
critical data
• LPO disabled, optional POR brown-out detection
Sleep Deep
Wake-up
Reset-1
1. Resumes Normal Run mode operation by executing the LLWU interrupt service routine.
2.1.9 LLWU
The device uses the following internal peripheral and external pin inputs as wakeup
sources to the LLWU module. LLWU_Px are external pin inputs, and
LLWU_M0IFM7IF are connections to the internal peripheral interrupt flags.
NOTE
In addition to the LLWU wakeup sources, the device also
wakes from low power modes when NMI or RESET pins are
enabled and the respective pin is asserted.
Overview
16
K32 L2A Microcontroller with 512 KB Flash and 128 KB SRAM, Rev. 3, 02/2021
NXP Semiconductors



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com