Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

K32L2AX Datasheet(PDF) 42 Page - NXP Semiconductors

Part # K32L2AX
Description  K32 L2A Microcontroller with 512 KB Flash and 128 KB SRAM
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

K32L2AX Datasheet(HTML) 42 Page - NXP Semiconductors

Back Button K32L2AX Datasheet HTML 38Page - NXP Semiconductors K32L2AX Datasheet HTML 39Page - NXP Semiconductors K32L2AX Datasheet HTML 40Page - NXP Semiconductors K32L2AX Datasheet HTML 41Page - NXP Semiconductors K32L2AX Datasheet HTML 42Page - NXP Semiconductors K32L2AX Datasheet HTML 43Page - NXP Semiconductors K32L2AX Datasheet HTML 44Page - NXP Semiconductors K32L2AX Datasheet HTML 45Page - NXP Semiconductors K32L2AX Datasheet HTML 46Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 96 page
background image
Table 16. Power consumption operating behaviors (continued)
Symbol
Description
Min.
Typ.
Max.
Unit
Notes
IDD_VLPW
Very-low-power wait mode current at
3.0 V — all peripheral clocks disabled at
8 MHz, while(1) loop
—
415.6
1498.7
μA
11
IDD_STOP
Stop mode current at 3.0 V
• -40 to 25 °C
• at 50 °C
• at 70 °C
• at 85 °C
• at 105 °C
—
—
—
—
—
264.5
287.0
325.3
374.7
496.7
320.5
356.1
445.4
590.8
952.3
μA
IDD_VLPS
Very-low-power stop mode current at
3.0 V
• -40 to 25 °C
• at 50 °C
• at 70 °C
• at 85 °C
• at 105 °C
—
—
—
—
—
4.2
11.0
24.0
44.0
93.4
16.4
35.9
84.5
156.2
300.2
μA
IDD_LLS2
Low-leakage stop mode 2 current at 3.0
V
• -40 to 25 °C
• at 50 °C
• at 70 °C
• at 85 °C
• at 105 °C
—
—
—
—
—
2.7
4.7
8.6
14.7
30.4
5.4
10.6
22.7
49.0
88.6
μA
IDD_LLS3
Low-leakage stop mode 3 current at 3.0
V
• -40 to 25 °C
• at 50 °C
• at 70 °C
• at 85 °C
• at 105 °C
—
—
—
—
—
3.0
5.9
11.4
19.7
40.9
5.9
14.5
32.0
65.2
122.0
μA
IDD_VLLS3
Very-low-leakage stop mode 3 current
at 3.0 V
• -40 to 25 °C
• at 50 °C
• at 70 °C
• at 85 °C
• at 105 °C
—
—
—
—
—
2.2
4.6
9.0
15.9
33.1
5.1
10.9
24.4
44.8
91.0
μA
Table continues on the next page...
General
42
K32 L2A Microcontroller with 512 KB Flash and 128 KB SRAM, Rev. 3, 02/2021
NXP Semiconductors



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com